Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 19Page - Microchip Technology MIC24067 Datasheet HTML 20Page - Microchip Technology MIC24067 Datasheet HTML 21Page - Microchip Technology MIC24067 Datasheet HTML 22Page - Microchip Technology MIC24067 Datasheet HTML 23Page - Microchip Technology MIC24067 Datasheet HTML 24Page - Microchip Technology MIC24067 Datasheet HTML 25Page - Microchip Technology MIC24067 Datasheet HTML 26Page - Microchip Technology MIC24067 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 23
MIC24066/7
4.5.2
CURRENT LIMIT
The MIC24066/7 uses the RDS(ON) of the internal
low-side power MOSFET to sense overcurrent
conditions. This method will avoid additional cost, use
of additional board space and power losses taken by a
discrete current sense resistor.
Current limit threshold can be programmed by
connecting a resistance from switch node to ILIM pin.
FIGURE 4-11:
MIC24066/7
Current-Limiting Circuit.
In each switching cycle of the converter, the inductor
current is sensed by monitoring the low-side MOSFET
voltage during the OFF period of the switching cycle
during which the LSFET is ON. There is 150 ns (typ)
blanking period after which sense signal is considered
for protection. The blanking period improves noise
immunity. If the low side MOSFET voltage is greater
than VCL threshold, then the MIC24066/7 keeps the
low side FET ON until the voltage across the low side
MOSFET is below the VCL. HS FET is turned on once
the voltage across the low side MOSFET is below the
VCL. If the voltage across the low side MOSFET is
greater than the VCL for 8 consecutive clock cycles
then the part enters into high impedance mode for a
time period equal to hiccup timeout. After the hiccup
timeout, the controller initiates soft start sequence. The
same repeats if the part hits current limit again (even
during soft start also). This mode of operation is called
"hiccup mode" and its purpose is to protect the
downstream load in case of a hard short.
The following Figure 4-12 shows a typical behavior
when the device enters current limit and the output
voltage recovery when overcurrent condition is cleared.
FIGURE 4-12:
MIC24066/7 Current-Limit
Threshold Relationship to Output Current.
The current limit resistor value can be calculated using
the formula below:
EQUATION 4-7:
4.5.3
SOFT-START
Soft-start reduces the power supply input surge current
at startup by controlling the output voltage rise time.
The input surge appears while the output capacitor is
charged up. A slower output rise time will draw a lower
input surge current.
The MIC24066 device offer programmable soft start
time by placing a capacitor at the SS pin. The
MIC24067 implements an internal digital soft-start by
making the 0.6V reference voltage VREF ramp from 0 to
100% in about 5 ms. Therefore, the output voltage is
controlled to increase slowly by a stair-case VFB ramp.
Once the soft-start cycle ends, the related circuitry is
disabled to reduce current consumption.
4.5.4
PVDD REGULATOR AND EXTVDD
LDO
MIC24066/7 has integrated high voltage LDO that
provides a 5V regulated output for the input voltage up
to 36V. When VIN < 5.5V, VDD can be tied to PVIN pins
to bypass the internal linear regulator. The internal LDO
powers the control circuitry and gate drive current.
Hiccup
Timeout
Output
shorted to
ground
Output
recovery
when short
is removed
Where:
ILIMIT
= Desired Current Limit (Average Value)
ΔIL
= Inductor Peak to Peak Ripple Current
RDSON
= On-Resistance of Low-Side Power MOSFET
VOFFSET = Current-limit Comparator Offset (refer to
Electrical Characteristics table)
ICL
= ILIM source current, the typical value is
115 µA in Electrical Characteristics table.
RCL
ILIMIT IL
+
 R
DSON
VOFFSET
–
ICL
-----------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com