Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 17Page - Microchip Technology MIC24067 Datasheet HTML 18Page - Microchip Technology MIC24067 Datasheet HTML 19Page - Microchip Technology MIC24067 Datasheet HTML 20Page - Microchip Technology MIC24067 Datasheet HTML 21Page - Microchip Technology MIC24067 Datasheet HTML 22Page - Microchip Technology MIC24067 Datasheet HTML 23Page - Microchip Technology MIC24067 Datasheet HTML 24Page - Microchip Technology MIC24067 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 21
MIC24066/7
FIGURE 4-6:
Output Capacitive and ESR
Ripple Vector Relation.
External injected ripple is not required when ESR ripple
is high as compared to capacitive ripple. The modern
loads require output voltage steady state ripple to be
less than 1% of regulation voltage. For output voltages
in the range of 1V, output steady state ripple voltage
requirement is in the order of 10 mV for modern high
current ASIC loads. Customers generally use ceramic
capacitors or low ESR tantalum capacitors to meet
steady state requirements for their loads. In those
cases, MIC24066/7 control loop requires external
ripple injection to the FB node.
Note that as RBIAS is always present, it draws an
additional current form the injection driver when INJ pin
is 4.5V for 100 ns. This adds to the device's IQ.
However, its contribution to the device's IQ will be low,
because this current will be present for 100 ns only.
Another thing to note is that the INJ driver must be
capable of supplying this additional current.
4.3
Ripple Injection for Low ESR
Capacitors
When customers use low ESR electrolytic capacitors or
tantalum capacitors, external ripple can be injected by
connecting feed forward capacitor (CFF) from output to
the FB node as shown in Figure 4-7.
FIGURE 4-7:
Feed Forward Capacitor.
EQUATION 4-3:
As shown in Figure 4-8, feed forward capacitor
bypasses high frequency ripple to the FB pin and
provides phase boost at mid frequency.
FIGURE 4-8:
Feed Forward Capacitor
Gain and Phase Plots.
4.4
Ripple Injection for Ceramic
Capacitors
Customers use ceramic capacitors as output filter for
much high performance ASIC. Ceramic capacitors
have very low ESR and ESL. The MIC24066/7 need
extra ripple injected from switch node. In those
applications, external ripple can be injected by
connecting series RC network from switch node to FB
node as shown in Figure 4-9.
FIGURE 4-9:
MIC24066/7 External Ripple
Injection Circuit.
The purpose of CB is to block the DC component and
forward high frequency from the switch node. It is
required to select CB value very much higher than CFF
value. The following equation denotes the amount of
ripple injected at FB node.
No External Ripple
injection is needed
for this kind of
application
VL
VESR
IL
VFB
VCO
VCO
VFB
VOUT
-------------(s)
R2
R1
R2
+
---------------------
1s CFF
R1
+

1s CFF
R1 R2
R1
R2
+
---------------------
+


--------------------------------------------------------------
=
R2
RINJ
VO
CO
R1
Comp
Comp
L
CB
0.6V
LX
TON
FB
CFF
R2
RINJ
VO
CO
R1
Comp
L
CB
0.6V
LX
TON
FB
CFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com