Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 31 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 27Page - Microchip Technology MIC24067 Datasheet HTML 28Page - Microchip Technology MIC24067 Datasheet HTML 29Page - Microchip Technology MIC24067 Datasheet HTML 30Page - Microchip Technology MIC24067 Datasheet HTML 31Page - Microchip Technology MIC24067 Datasheet HTML 32Page - Microchip Technology MIC24067 Datasheet HTML 33Page - Microchip Technology MIC24067 Datasheet HTML 34Page - Microchip Technology MIC24067 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 31
MIC24066/7
)RUWKHPRVWFXUUHQWSDFNDJHGUDZLQJVSOHDVHVHHWKH0LFURFKLS3DFNDJLQJ6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
1RWH
5()5HIHUHQFH'LPHQVLRQXVXDOO\ ZLWKRXWWROHUDQFHIRU LQIRUPDWLRQ SXUSRVHV RQO\
%6&%DVLF'LPHQVLRQ7KHRUHWLFDOO\ H[DFWYDOXH VKRZQ ZLWKRXWWROHUDQFHV
1RWHV



3LQYLVXDO LQGH[IHDWXUHPD\YDU\EXWPXVWEHORFDWHGZLWKLQ WKH KDWFKHGDUHD
3DFNDJHLVVDZ VLQJXODWHG
'LPHQVLRQLQJDQGWROHUDQFLQJ SHU $60( <0
6KHHWRI 
/HDG 9HU\ 7KLQ3ODVWLF 4XDG )ODW 1R /HDG3DFNDJH 41$  [[PP%RG\>94)1@
:LWK 0XWLSOH ([SRVHG 3DGV
0LFURFKLS7HFKQRORJ\'UDZLQJ &5HY$
1XPEHURI 7HUPLQDOV
2YHUDOO +HLJKW
7HUPLQDO :LGWK
([SRVHG 3DG /HQJWK
7HUPLQDO /HQJWK
([SRVHG 3DG /HQJWK
7HUPLQDO 7KLFNQHVV
3LWFK
6WDQGRII
8QLWV
'LPHQVLRQ /LPLWV
$
$
E
'
$
H
/
'
1
%6&
5()



±




±
±
0,//,0(7(56
0,1
120






0$;
2YHUDOO /HQJWK
([SRVHG 3DG /HQJWK
'
'

%6&


([SRVHG3DG:LGWK
([SRVHG3DG:LGWK
&HQWHUWR([SRVHG 3DG
3DGWR3DG
7HUPLQDO WR([SRVHG3DG
&HQWHUWR([SRVHG 3DG
([SRVHG3DG:LGWK
7HUPLQDO WR([SRVHG3DG
8QLWV
'LPHQVLRQ /LPLWV
.
(
.
.
.
(
.
(

5()

5()
5()

5()
5()
0,//,0(7(56
0,1
120


0$;
7HUPLQDO WR([SRVHG3DG
&HQWHUWR([SRVHG 3DG
.
.
5()
5()
2YHUDOO :LGWK
(
 %6&










Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com