Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 8Page - Microchip Technology MIC24067 Datasheet HTML 9Page - Microchip Technology MIC24067 Datasheet HTML 10Page - Microchip Technology MIC24067 Datasheet HTML 11Page - Microchip Technology MIC24067 Datasheet HTML 12Page - Microchip Technology MIC24067 Datasheet HTML 13Page - Microchip Technology MIC24067 Datasheet HTML 14Page - Microchip Technology MIC24067 Datasheet HTML 15Page - Microchip Technology MIC24067 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
MIC24066/7
DS20006730A-page 12
 2022 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise indicated, VIN = 12V; VOUT = 5V; fSW = 400 kHz; VBST – VSW = 5V; TA = +25°C.
Measurements were done using Typical Application Circuit schematic unless specific changes are mentioned.
FIGURE 2-17:
Switching Frequency vs.
Temperature (@ 6A).
FIGURE 2-18:
Output Voltage (VOUT =2.5V)
vs. Load (@ 400 kHz, CCM Mode).
FIGURE 2-19:
Output Voltage (VOUT =3.3V)
vs. Input Voltage (@ 400 kHz, CCM Mode).
FIGURE 2-20:
Output Voltage (VOUT = 1V)
vs. Load (@ 400 kHz, CCM Mode).
FIGURE 2-21:
VDD vs. Temperature
(VIN =12V).
FIGURE 2-22:
EXTVDD vs. Temperature
(EXTVDD = 12V).
300
320
340
360
380
400
420
440
460
480
500
5
10152025303540
Temperature (°C)
40 C
25
85
2.49
2.492
2.494
2.496
2.498
2.5
2.502
2.504
2.506
2.508
2.51
0123456
Load (A)
V
V
V
3.28
3.285
3.29
3.295
3.3
3.305
3.31
3.315
3.32
0123456
Load (A)
V
V
V
0.99
0.995
1
1.005
1.01
0123456
Load (A)
V
V
V
V
4.5
4.7
4.9
5.1
5.3
5.5
-40
-20
0
20406080
100
Temperature (°C)
0A
25 mA
4.5
4.7
4.9
5.1
5.3
5.5
-40
-20
0
204060
80
100
Temperature (°C)
0A
25 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com