Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 20 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 16Page - Microchip Technology MIC24067 Datasheet HTML 17Page - Microchip Technology MIC24067 Datasheet HTML 18Page - Microchip Technology MIC24067 Datasheet HTML 19Page - Microchip Technology MIC24067 Datasheet HTML 20Page - Microchip Technology MIC24067 Datasheet HTML 21Page - Microchip Technology MIC24067 Datasheet HTML 22Page - Microchip Technology MIC24067 Datasheet HTML 23Page - Microchip Technology MIC24067 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
MIC24066/7
DS20006730A-page 20
 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 4-2:
MIC24066/7 Load Transient
Response.
FIGURE 4-3:
MIC24066/7 Load Transient
Response.
Unlike true current-mode control, the MIC24066/7 uses
the output voltage ripple to trigger an ON-time period.
The output voltage ripple is proportional to the inductor
current ripple if the ESR of the output capacitor is large
enough. In order to meet the stability requirements, the
feedback voltage ripple should be in phase with the
inductor current ripple and large enough to be sensed
by the gm amplifier and the error comparator. The
recommended
feedback
voltage
ripple
is
20 mV~100 mV. If a low-ESR output capacitor is
selected, then the feedback voltage ripple may be too
small to be sensed by the gm amplifier and the error
comparator. Also, the output voltage ripple and the
feedback voltage ripple are not necessarily in phase
with the inductor current ripple if the ESR of the output
capacitor is very low. In these cases, ripple injection is
required to ensure proper operation.
4.2
Stability Analysis
The MIC24066/7 uses ripple-based constant on time
architecture to generate switching pulses. The FB node
requires in-phase ripple which resembles inductor
current for regulation. The magnitude of ripple needs to
be in the range of 20 mV-70 mV. The ripple can be
extracted from ESR of the output capacitor in addition
to capacitor ripple. The Figure 4-4 shows the ripple at
FB node with respect to reference voltage.
FIGURE 4-4:
MIC24066/7 Ripple at FB
node.
If the ripple voltage at the FB node not in phase with
inductor current ripples, double or multiple pulses may
occur causing the circuit to become unstable. The
output capacitors generally have three components.
The capacitive ripple lags the inductor current ripple.
ESR ripple is in phase with inductor current. ESL ripple
effect is very minimal in low voltage capacitors.
As shown in Figure 4-5, output capacitive ripple lags
inductor current and ESR ripple is in phase with
inductor current ripple. Figure 4-6 shows the vector
relation of effective FB ripple voltage for high ESR
capacitors.
FIGURE 4-5:
Output Capacitive and ESR
Ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com