Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 35 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 30Page - Microchip Technology MIC24067 Datasheet HTML 31Page - Microchip Technology MIC24067 Datasheet HTML 32Page - Microchip Technology MIC24067 Datasheet HTML 33Page - Microchip Technology MIC24067 Datasheet HTML 34Page - Microchip Technology MIC24067 Datasheet HTML 35Page - Microchip Technology MIC24067 Datasheet HTML 36Page - Microchip Technology MIC24067 Datasheet HTML 37Page - Microchip Technology MIC24067 Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 35
MIC24066/7
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
Device
Devices:
MIC24066: 36V, 6A High Performance Switching Buck
Regulator with Programmable Soft Start Time
MIC24067: 36V, 6A High Performance Switching Buck
Regulator with Programmable HLL/CCM Operation
Tape and Reel
Option:
T
= 3300/Reel (for VQFN)
Junction
Temperature
Range:
E
= –40°C to +125°C, Extended Temperature Range
Package:
QNA = 36-Lead 5 mm x 6 mm VQFN, Wettable Flank,
Exposed Pad
-X
X(1)
Junction
Note 1:
Tape and Reel identifier only appears in the catalog part
number description. This identifier is used for ordering
purposes and is not printed on the device package.
Check with your Microchip Sales Office for package
availability with the Tape and Reel option.
Tape and Reel
Option
Examples:
a) MIC24066T-E/QNA: 36V, 6A High Performance Switching Buck
Regulator with Programmable Soft Start
Time,
3300/Reel,
-40°C
to
+125°C
Extended Junction Temperature Range,
36-Lead 5 mm x 6 mm VQFN,
Wettable Flank, Exposed Pad
b) MIC24067T-E/QNA: 36V, 6A High Performance Switching Buck
Regulator with Programmable HLL/CCM
Operation, 3300/Reel, -40°C to +125°C
Extended Junction Temperature Range,
36-Lead 5 mm x 6 mm VQFN,
Wettable Flank, Exposed Pad
Temperature
Range
/XXX
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com