Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 3Page - Microchip Technology MIC24067 Datasheet HTML 4Page - Microchip Technology MIC24067 Datasheet HTML 5Page - Microchip Technology MIC24067 Datasheet HTML 6Page - Microchip Technology MIC24067 Datasheet HTML 7Page - Microchip Technology MIC24067 Datasheet HTML 8Page - Microchip Technology MIC24067 Datasheet HTML 9Page - Microchip Technology MIC24067 Datasheet HTML 10Page - Microchip Technology MIC24067 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 7
MIC24066/7
MODE Threshold
Voltage High
VMODE_THH
1.6
—
—
MODE rising
MODE Threshold
Voltage Low
VMODE_THH
——
0.6
MODE falling
MODE Hysteresis
VMODE_HYS
—150
—
VEN = 12V
On Timer
Maximum Switching Frequency
fSW_max
720
800
880
kHz
VVIN = 12V, VFREQ = VVIN
R5 = 100k Ω; R6 = Open
Minimum Switching Frequency
fSW_MIN
230
270
300
kHz
VIN = 12V, VFREQ = 33% × VVIN
R5 = 100k Ω; R6 = 50k Ω
Maximum Switching Frequency
fSW_max
—800
—
kHz
VIN = 12V, VOUTS = 5V
Minimum On-Time
TONMIN
—60
—
ns
Measured in application
Minimum Off-Time
TOFFMIN
100
200
300
ns
VFBS = 0V
Maximum Duty Cycle
DMAX
—85
—
%
fSW = 400 kHz, R5 = R6 = 100k Ω
Minimum Duty Cycle
DMIN
—0
—
%
VFBS = +1V
Current Limit
Current-Limit Comparator
Offset
VOFFSET
-15
0
15
mV
VFB = 0.59V
ILIM Source Current
ICL
—115
—
µA
TJ= 25°C
80
—
180
µA
TJ= -140°C to 125°C
ILIM Source Current Tempco
TCICL
—0.3
—
µA/°C
Negative Current Limit
Comparator Threshold
——
48
—
mV
Internal MOSFET Parameters
High Side MOSFET
On-Resistance
RDSON_HS
—22
—
mΩ
Low Side MOSFET
On-Resistance
RDSON_LS
—8.5
—
mΩ
SW, VIN and BST Leakage
BST Leakage
ILEAK(BST)
——
5
µA
VIN = 45V
VIN Leakage
ILEAK(VIN)
——
5
VIN = 45V
SW Leakage
ILEAK(SW)
——
5
VIN = 45V
Power Good (PG)
PG Threshold from Low to High
VPG_TH
85
90
95
%VREF VFB rising
PG Threshold Hysteresis
VPG_HYS
—6
—
%VREF VFB falling
PG Delay
tD_PG
—100
—
µs
VFB rising
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: PVIN = SVIN = 12V, VOUT = 1.2V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values
indicate 40°C ≤ TJ ≤ +125°C.
Parameters
Symbol
Min.
Typ. Max. Units
Conditions
Note 1: Exceeding the absolute maximum rating may damage the device.
2: Devices are ESD Sensitive. Handling precautions recommended. Human body model: 1.5 kΩ in series
with 100 pF.
3: The device is not guaranteed to function outside its operating range.
4: PD(MAX) = (TJ(MAX) - TA) /θJA, where θJA depends upon the printed circuit layout. A 5 square inch 4 layer,
0.62'', FR-4 PCB with 2 oz finish copper weight per layer is used for the θJA.
5: Measured in test mode.
6: The maximum duty-cycle is limited by the fixed mandatory off-time of typically 300 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com