Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 27 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 23Page - Microchip Technology MIC24067 Datasheet HTML 24Page - Microchip Technology MIC24067 Datasheet HTML 25Page - Microchip Technology MIC24067 Datasheet HTML 26Page - Microchip Technology MIC24067 Datasheet HTML 27Page - Microchip Technology MIC24067 Datasheet HTML 28Page - Microchip Technology MIC24067 Datasheet HTML 29Page - Microchip Technology MIC24067 Datasheet HTML 30Page - Microchip Technology MIC24067 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 27
MIC24066/7
This is especially noticeable at low output power. The
winding resistance decreases efficiency at the higher
output current levels. The winding resistance must be
minimized although this usually comes at the expense
of a larger inductor. The power dissipated in the
inductor is equal to the sum of the core and copper
losses. At higher output loads, the core losses are
usually insignificant and can be ignored. At lower
output currents, the core losses can be a significant
contributor. Core loss information is usually available
from the magnetic’s vendor.
The amount of copper loss in the inductor is calculated
by Equation 5-10:
EQUATION 5-10:
5.5
Output Capacitor Selection
The main parameters for selecting the output capacitor
are capacitance value, voltage rating and RMS current
rating. The type of the output capacitor is usually
determined by its equivalent series resistance (ESR).
Recommended capacitor types are ceramic, tantalum,
low-ESR
aluminum
electrolytic,
OS-CON
and
POSCAP. The output capacitor ESR also affects the
control loop from a stability point of view. The maximum
value of ESR can be calculated using Equation 5-11.
EQUATION 5-11:
The required output capacitance to meet steady state
output ripple can be calculated using Equation 5-16.
EQUATION 5-12:
As described in Section 4.1 Control Architecture, the
MIC24066/7 requires at least 20 mV peak-to-peak
ripple at the FB pin to ensure that the gm amplifier and
the comparator behave properly. Also, the output
voltage ripple should be in phase with the inductor
current. Therefore, the output voltage ripple caused by
the output capacitor's value should be much smaller
than the ripple caused by the output capacitor ESR. If
low-ESR capacitors, such as ceramic capacitors, are
selected as the output capacitors, a ripple injection
circuit should be used to provide the enough
feedback-voltage ripple. Refer to Section 4.4 Ripple
Injection for Ceramic Capacitors for details.
The voltage rating of the capacitor should be twice the
output voltage for a tantalum and 20% greater for
aluminum electrolytic, ceramic or OS-CON. The output
capacitor RMS current is calculated in Equation 5-13.
EQUATION 5-13:
The power dissipated in the output capacitor is shown
in Equation 5-14.
EQUATION 5-14:
5.6
Input Capacitor Selection
The input capacitor reduces peak current drawn from
the power supply and reduces noise and voltage ripple
on the input. The input voltage ripple depends on the
input capacitance and ESR. The input capacitance and
ESR values can be calculated using Equation 5-15.
EQUATION 5-15:
The input capacitor should be rated for ripple current
rating and voltage rating. The RMS value of input
capacitor current is determined at the maximum output
current. The RMS current rating of the input capacitor
should be greater than or equal to the input capacitor
RMS current calculated using the Equation 5-16.
EQUATION 5-16:
The power dissipated in the input capacitor is
calculated using Equation 5-17.
EQUATION 5-17:
PINDUCTOR CU

ILRMS

2
RDCR
=
ESR
V
OUT_PP
IL
PP
--------------------------
Where:
ΔVOUT_PP
= Peak-to-Peak Output Voltage Ripple
ΔILPP
= Peak-to-Peak Inductor Current Ripple
COUT
IL
PP
8fSW
V
OUT_PP
--------------------------------------------------
=
Where:
COUT
= Output Capacitance
fSW
= Switching Frequency
ICOUT RMS

IL
PP
12
----------------
=
PCOUT
ICOUT RMS


2
ESRCOUT
=
CIN
ILOAD D
1D
–

 f
SW
V
IN_C
--------------------------------------------------
=
ESRC_IN
V
IN_ESR
ILPK
-----------------------
=
Where:
ILOAD
= Load Current
ILPK
= Peak Inductor Current
ΔVIN_C
= Input Ripple due to Input Capacitance
ΔVIN_ESR = Input Ripple due to Input Capacitor ESR
η
= Power Conversion Efficiency
IC_IN(RMS)
ILOAD MAX

D1 D
–

=
PCIN
IIN RMS


2
ESRCIN
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com