Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 13Page - Microchip Technology MIC24067 Datasheet HTML 14Page - Microchip Technology MIC24067 Datasheet HTML 15Page - Microchip Technology MIC24067 Datasheet HTML 16Page - Microchip Technology MIC24067 Datasheet HTML 17Page - Microchip Technology MIC24067 Datasheet HTML 18Page - Microchip Technology MIC24067 Datasheet HTML 19Page - Microchip Technology MIC24067 Datasheet HTML 20Page - Microchip Technology MIC24067 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 17
MIC24066/7
3.1
Power Good Output Pin (PG)
Connect PG to VDD through a pull up resistor. PG is
low when the FB voltage is 10% below the 0.6V
reference voltage.
3.2
Current Limit Pin (ILIM)
Connect a resistor from ILIM to SW to set current limit.
Refer to Section 4.5.2 Current Limit for more details.
3.3
Switch Pin (SW)
SW pin 5 is a used to sense low-side MOSFET current
by monitoring the SW node voltage for negative current
limit function. Connect SW pin 5 to the pins where
inductor is connected.
3.4
Bootstrap Capacitor Pin (BST)
BST capacitor acts as supply for the high-side
N-MOSFET driver. Connect a minimum of 0.1 µF low
ESR ceramic capacitor between BST and SW.
3.5
Input Voltage Pin (VIN)
Supply Input to the MOSFETs. Connect all the VIN pins
together and VIN EP. Connect low ESR ceramic
capacitors between VIN and PGND pins close to the IC
to supply switching currents.
3.6
Power Ground Pin (PGND)
PGND provides return path for the internal low-side
N-MOSFET gate driver output and also acts as
reference for current limit comparator. Connect PGND
to the external low-side N-MOSFET source terminal
and to the return terminal of PVDD bypass capacitor.
3.7
Switch Pin (SW)
SW Pins 19-22 are for high current connection of
internal MOSFET drain-source junction to the inductor.
Connect all SW pins and SW EP together.
3.8
Internal High Voltage LDO Output
Pin (PVDD)
Internal high voltage LDO Output of the MIC24066/7.
PVDD is the supply for the low-side MOSFET driver
and for floating high-side MOSFET driver. Connect a
minimum of 4.7 µF low ESR ceramic capacitor from
PVDD to PGND.
3.9
EXTVDD
Supply to the internal low voltage LDO. Connect
EXTVDD to the output of the Buck converter if it is
between 4.7V to 14V to improve system efficiency.
Bypass EXTVDD with a minimum of 4.7 µF low ESR
ceramic capacitor.
3.10
Enable Input Pin (EN)
EN is a logic input. Connect to logic high to enable the
converter and connect to logic low to disable the
converter.
3.11
Switching Frequency
Programming Input Pin (FREQ)
Switching Frequency Programming Input. Connect to
mid-point of the resistor divider formed between VIN
and AGND to set switching frequency of the converter.
Tie FREQ to VIN to set the switching frequency to
800 kHz. Refer to Section 5.1 Setting the Switching
Frequency for more details.
3.12
Soft Start/Light Load Mode
Selection Input (SS/MODE)
Soft Start/Light Load Mode Selection Input. For
MIC24066 connect a ceramic capacitor from SS to
AGND to set the output soft start time. For MIC24067
connect MODE pin to VDD to select Continuous
Conduction Mode under light loads or connect to
AGND to select HyperLight Load (HLL) Mode of
operation under light loads.
Refer
to Section 5.3
Setting the Soft-Start Time for further details.
3.13
Feedback Input Pin (FB)
FB is input to the transconductance amplifier of the
control loop. The control loop regulates the FB voltage
to 0.6V. Connect FB node to mid-point of the resistor
divider between output and AGND.
35
SVIN
Supply Voltage Input to the internal LDO: Connect to VIN through low pass RC filter to
VIN. Connect to VIN through 2.2Ω series resistor. Connect a minimum 1 µF low ESR
ceramic capacitor from SVIN to AGND.
EP
AGND
Exposed Pad: AGND down bonded to this EP. Connect it to AGND plane.
VIN
Exposed Pad: VIN connected to this EP. Connect to VIN plane.
SW
Exposed Pad: MOSFET junction is connected to this EP. Connect to SW plane.
TABLE 3-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com