Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 15Page - Microchip Technology MIC24067 Datasheet HTML 16Page - Microchip Technology MIC24067 Datasheet HTML 17Page - Microchip Technology MIC24067 Datasheet HTML 18Page - Microchip Technology MIC24067 Datasheet HTML 19Page - Microchip Technology MIC24067 Datasheet HTML 20Page - Microchip Technology MIC24067 Datasheet HTML 21Page - Microchip Technology MIC24067 Datasheet HTML 22Page - Microchip Technology MIC24067 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 19
MIC24066/7
4.0
FUNCTIONAL DESCRIPTION
4.1
Control Architecture
The MIC24066/7 is an adaptive ON-time synchronous
step-down DC/DC regulator. It is designed to operate
over a wide input voltage range from 4.5V to 36V and
provides a regulated output voltage up to 6A of load
current. An adaptive ON-time control scheme is
employed in order to obtain a constant-switching
frequency and to simplify the control compensation.
Overcurrent protection is implemented without the use
of an external sense resistor. The device includes an
internal soft-start function which reduces the power
supply input surge current at start-up by controlling the
output voltage rise time.
The output voltage is sensed by the feedback pin (FB)
via the voltage divider R1 and R2 and is compared to a
0.6V reference voltage VREF at the error comparator
through a low-gain trans-conductance (gm) amplifier. If
the feedback voltage decreases and the output of the
gm amplifier fall below 0.6V, then the error comparator
will trigger the control logic and generate an ON-time
period. The ON-time period length is predetermined by
the "Fixed tON Estimation" circuitry:
EQUATION 4-1:
At the end of the ON-time period, the internal high-side
driver turns off the high-side MOSFET and the low-side
driver turns on the low-side MOSFET. The OFF-time
period length depends upon the feedback voltage in
most cases. When the feedback voltage decreases
and the output of the gm amplifier fall below 0.6V, the
ON-time period is triggered and the OFF-time period
ends. If the OFF-time period determined by the
feedback voltage is less than the minimum OFF-time
tOFF(MIN), which is about 300 ns then the MIC24066/7
control logic will apply the tOFF(MIN) instead. The
minimum tOFF(MIN) period is required to maintain
enough energy in the boost capacitor (CBST) to drive
the high-side MOSFET.
The maximum duty cycle is obtained from the 300 ns
tOFF(MIN):
EQUATION 4-2:
It is not recommended to use MIC24066/7 with an
OFF-time close to tOFF(MIN) during steady-state
operation.
The actual ON-time and resulting switching frequency
will vary with the part-to-part variation in the rise and fall
times of the internal MOSFETs, the output load current,
and variations in the VDD voltage. Also, the minimum
tON results in a lower switching frequency in high VIN to
VOUT applications, such as 36V to 1.0V.
Figure 4-1 shows the control loop timing during
steady-state operation. During steady-state, the gm
amplifier senses the feedback voltage ripple, which is
proportional to the output voltage ripple and the
inductor current ripple, to trigger the ON-time period.
The ON-time is predetermined by the tON estimator.
The termination of the OFF-time is controlled by the
feedback voltage. At the valley of the feedback voltage
ripple, which occurs when VFB falls below VREF, the
OFF period ends and the next ON-time period is
triggered through the control logic circuitry.
FIGURE 4-1:
Steady State Operation (FB
Ripple Shows Injected and ESR Ripple Only,
Reactive Impedances Neglected).
Figure 4-2 shows the operation of the MIC24066/7
during load transient. The output voltage drops due to
the sudden load increase, which causes the VFB to be
less than VREF. This will cause the error comparator to
trigger an ON-time period. At the end of the ON-time
period, a minimum OFF-time tOFF(min) is generated to
charge CBST since the feedback voltage is still below
VREF. Then, the next ON-time period is triggered due to
the low feedback voltage. Therefore, the switching
frequency changes during the load transient, but
returns to the nominal fixed frequency once the output
has stabilized at the new load current level. With the
varying duty cycle and switching frequency, the output
recovery time is fast and the output voltage deviation is
small in the MIC24066/7 converter. The transient
response is shown in Figure 4-3.
Where:
VOUT = Output Voltage
VIN
= Power Stage Input Voltage
fSW
= Switching Frequency
TON(EST) =
VOUT
VIN × fSW
Where:
TS =1/fSW
TS – TOFF(MIN)
TS
300 ns
TS
= 1 –
DMAX =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com