Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 103 Page - Texas Instruments

Back Button AM625 Datasheet HTML 99Page - Texas Instruments AM625 Datasheet HTML 100Page - Texas Instruments AM625 Datasheet HTML 101Page - Texas Instruments AM625 Datasheet HTML 102Page - Texas Instruments AM625 Datasheet HTML 103Page - Texas Instruments AM625 Datasheet HTML 104Page - Texas Instruments AM625 Datasheet HTML 105Page - Texas Instruments AM625 Datasheet HTML 106Page - Texas Instruments AM625 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 259 page
background image
7.11.2.2 Power Supply Sequencing
This section describes power sequence requirements using power sequence diagrams and associated notes.
Each power sequence diagram demonstrates the sequential order expected for each device power rail. This
is done by assigning each device power rail to one or more waveform. A dual-voltage power rail may be
associated with more than one waveform and the associated note will describe which waveform is applicable.
Each waveform defines a transition region for the associated power rails and shows its sequential relationship
to the transition regions of other power rails. The notes associated with the power sequence diagram provides
further detail of these requirements. See the Power-up Sequence section for details on power-up requirements,
and the Power-down Sequence section for details on power-down requirements.
Two types of power supply transition regions are used to simplify the power supply sequencing diagrams. The
legends shown in Figure 7-3 and Figure 7-4 along with their descriptions are provided to clarify what each
transition regions represents.
Figure 7-3 defines a transition region with multiple power rails which may be sourced from multiple power
supplies or a single power supply. Transitions shown within the transition region represent a use case where
multiple power supplies are used to source power rails associated with this waveform, and these power
supplies are allowed to ramp at different times within the region since they do not have any specific sequence
requirement relative to each other.
Figure 7-3. Multiple Power Supply Transition Legend
Figure 7-4 defines a transition region with one or more power rails which must be sourced from a single common
power supply. No transitions are shown within the region to represent a single ramp within the transition region.
Figure 7-4. Single Common Power Supply Transition Legend
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com