Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 107 Page - Texas Instruments

Back Button AM625 Datasheet HTML 103Page - Texas Instruments AM625 Datasheet HTML 104Page - Texas Instruments AM625 Datasheet HTML 105Page - Texas Instruments AM625 Datasheet HTML 106Page - Texas Instruments AM625 Datasheet HTML 107Page - Texas Instruments AM625 Datasheet HTML 108Page - Texas Instruments AM625 Datasheet HTML 109Page - Texas Instruments AM625 Datasheet HTML 110Page - Texas Instruments AM625 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 259 page
background image
7.11.2.2.2 Power-Down Sequencing
Table 7-5 and Figure 7-6 describes the device power-down sequencing.
Note
The power supply sequencing requirements defined in this section does not include entry or exit
from low power modes. See Section 7.11.2.2.3, Partial IO Power Sequencing for more information on
power supply sequence requirements when entering or exiting low power modes.
Table 7-5. Power-Down Sequencing – Supply / Signal Assignments
See: Figure 7-6
WAVEFORM
SUPPLY / SIGNAL NAME
A
VSYS, VMON_VSYS
B
VDDSHV_CANUART(1), VDDSHV_MCU(1), VDDSHV0(1), VDDSHV1(1), VDDSHV2(1), VDDSHV3(1), VDDA_3P3_USB,
VMON_3P3_SOC
C
VDDSHV_CANUART(2), VDDSHV_MCU(2), VDDSHV0(2), VDDSHV1(2), VDDSHV2(2), VDDSHV3(2), VDDA_MCU,
VDDS_OSC0, VDDA_PLL0, VDDA_PLL1, VDDA_PLL2, VDDA_1P8_CSIRX0, VDDA_1P8_USB, VDDA_TEMP0,
VDDA_TEMP1, VMON_1P8_SOC
D
VDDSHV4(3), VDDSHV5(3), VDDSHV6(3)
E
VDDS_DDR, VDDS_DDR_C
F
VDD_CANUART(4)
G
VDD_CANUART(5), VDD_CORE(5), VDDA_CORE_CSIRX0(5), VDDA_CORE_USB0(5), VDDA_DDR_PLL0(5)
H
VDD_CANUART(6), VDD_CORE(6), VDDA_CORE_CSIRX0(6), VDDA_CORE_USB0(6), VDDA_DDR_PLL0(6),
VDDR_CORE
I
VPP
J
MCU_PORz
K
MCU_OSC0_XI, MCU_OSC0_XI
(1)
VDDSHV_CANUART, VDDSHV_MCU, and VDDSHVx [x=0-3] when operating at 3.3V.
(2)
VDDSHV_CANUART, VDDSHV_MCU, and VDDSHVx [x=0-3] when operating at 1.8V.
(3)
VDDSHV4, VDDSHV5, and VDDSHV6 were designed to support power-up, power-down, or dynamic voltage change without any
dependency on other power rails. This capability is required to support UHS-I SD Cards.
(4)
VDDSHV_CANUART when connected to an always-on power source for Partial IO low power mode.
(5)
VDD_CANUART, VDD_CORE, VDDA_CORE_CSIRX0, VDDA_CORE_USB0, and VDDA_DDR_PLL0 when operating at 0.75V
(6)
VDD_CANUART, VDD_CORE, VDDA_CORE_CSIRX0, VDDA_CORE_USB0, and VDDA_DDR_PLL0 when operating at 0.85V
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
107
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com