Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 116 Page - Texas Instruments

Back Button AM625 Datasheet HTML 112Page - Texas Instruments AM625 Datasheet HTML 113Page - Texas Instruments AM625 Datasheet HTML 114Page - Texas Instruments AM625 Datasheet HTML 115Page - Texas Instruments AM625 Datasheet HTML 116Page - Texas Instruments AM625 Datasheet HTML 117Page - Texas Instruments AM625 Datasheet HTML 118Page - Texas Instruments AM625 Datasheet HTML 119Page - Texas Instruments AM625 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 259 page
background image
7.11.3.3 Clock Timing
Tables and figures provided in this section define timing conditions, timing requirements and switching
characteristics for clock signals.
Table 7-18. Clock Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
5 ns ≤ tc < 8 ns
5 pF
8 ns ≤ tc < 20 ns
10 pF
20 ns ≤ tc
30 pF
Table 7-19. Clock Timing Requirements
see Figure 7-14
NO.
MIN
MAX UNIT
CLK1
tc(EXT_REFCLK1)
Cycle time minimum, EXT_REFCLK1
10
ns
CLK2
tw(EXT_REFCLK1H)
Pulse Duration, EXT_REFCLK1 high
E*0.45(1)
E*0.55(1)
ns
CLK3
tw(EXT_REFCLK1L)
Pulse Duration, EXT_REFCLK1 low
E*0.45(1)
E*0.55(1)
ns
CLK1
tc(MCU_EXT_REFCLK0)
Cycle time minimum, MCU_EXT_REFCLK0
10
ns
CLK2
tw(MCU_EXT_REFCLK0H)
Pulse Duration, MCU_EXT_REFCLK0 high
F*0.45(2)
F*0.55(2)
ns
CLK3
tw(MCU_EXT_REFCLK0L)
Pulse Duration, MCU_EXT_REFCLK0 low
F*0.45(2)
F*0.55(2)
ns
CLK1
tc(AUDIO_EXT_REFCLK0)
Cycle time minimum, AUDIO_EXT_REFCLK0
20
ns
CLK2
tw(AUDIO_EXT_REFCLK0H)
Pulse Duration, AUDIO_EXT_REFCLK0 high
G*0.45(3)
G*0.55(3)
ns
CLK3
tw(AUDIO_EXT_REFCLK0L)
Pulse Duration, AUDIO_EXT_REFCLK0 low
G*0.45(3)
G*0.55(3)
ns
CLK1
tc(AUDIO_EXT_REFCLK1)
Cycle time minimum, AUDIO_EXT_REFCLK1
20
ns
CLK2
tw(AUDIO_EXT_REFCLK1H)
Pulse Duration, AUDIO_EXT_REFCLK1 high
H*0.45(4)
H*0.55(4)
ns
CLK3
tw(AUDIO_EXT_REFCLK1L)
Pulse Duration, AUDIO_EXT_REFCLK1 low
H*0.45(4)
H*0.55(4)
ns
(1)
E = EXT_REFCLK1 cycle time in ns.
(2)
F = MCU_EXT_REFCLK0 cycle time in ns.
(3)
G = AUDIO_EXT_REFCLK0 cycle time in ns.
(4)
H = AUDIO_EXT_REFCLK1 cycle time in ns.
Input Clock
CLK1
CLK2
CLK3
Figure 7-14. Clock Timing Requirements
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
116
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com