Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 119 Page - Texas Instruments

Back Button AM625 Datasheet HTML 115Page - Texas Instruments AM625 Datasheet HTML 116Page - Texas Instruments AM625 Datasheet HTML 117Page - Texas Instruments AM625 Datasheet HTML 118Page - Texas Instruments AM625 Datasheet HTML 119Page - Texas Instruments AM625 Datasheet HTML 120Page - Texas Instruments AM625 Datasheet HTML 121Page - Texas Instruments AM625 Datasheet HTML 122Page - Texas Instruments AM625 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 259 page
background image
7.11.4.1.1 MCU_OSC0 Internal Oscillator Clock Source
Figure 7-16 shows the recommended crystal circuit. All discrete components used to implement the oscillator
circuit must be placed as close as possible to the MCU_OSC0_XI and MCU_OSC0_XO pins.
Device
MCU_OSC0_XO
MCU_OSC0_XI
C
L1
Crystal
C
L2
AM65x_MCU_OSC_INT_01
PCB Ground
Figure 7-16. MCU_OSC0 Crystal Implementation
The crystal must be in the fundamental mode of operation and parallel resonant. Table 7-21 summarizes the
required electrical constraints.
Table 7-21. MCU_OSC0 Crystal Circuit Requirements
PARAMETER
MIN
TYP
MAX
UNIT
Fxtal
Crystal Parallel Resonance Frequency
25
MHz
Fxtal
Crystal Frequency Stability and Tolerance
Ethernet RGMII and RMII
not used
±100
ppm
Ethernet RGMII and RMII
using derived clock
±50
CL1+PCBXI
Capacitance of CL1 + CPCBXI
12
24
pF
CL2+PCBXO
Capacitance of CL2 + CPCBXO
12
24
pF
CL
Crystal Load Capacitance
6
12
pF
Cshunt
Crystal Circuit Shunt Capacitance
ESRxtal = 30 Ω
25 MHz
7
pF
ESRxtal = 40 Ω
25 MHz
5
pF
ESRxtal = 50 Ω
25 MHz
5
pF
ESRxtal
Crystal Effective Series Resistance
(1)
Ω
(1)
The maximum ESR of the crystal is a function of the crystal frequency and shunt capacitance. See the Cshunt parameter.
When selecting a crystal, the system design must consider temperature and aging characteristics of the crystal
based on worst case environment and expected life expectancy of the system.
Table 7-22 details the switching characteristics of the oscillator.
Table 7-22. MCU_OSC0 Switching Characteristics - Crystal Mode
PARAMETER
PACKAGE
MIN
TYP
MAX
UNIT
CXI
XI Capacitance
ALW
0.812
pF
AMC
1.635
pF
CXO
XO Capacitance
ALW
0.83
pF
AMC
1.72
pF
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
119
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com