Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 146 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 146 Page - Texas Instruments

Back Button AM625 Datasheet HTML 142Page - Texas Instruments AM625 Datasheet HTML 143Page - Texas Instruments AM625 Datasheet HTML 144Page - Texas Instruments AM625 Datasheet HTML 145Page - Texas Instruments AM625 Datasheet HTML 146Page - Texas Instruments AM625 Datasheet HTML 147Page - Texas Instruments AM625 Datasheet HTML 148Page - Texas Instruments AM625 Datasheet HTML 149Page - Texas Instruments AM625 Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 259 page
background image
7.11.5.11 GPMC
For more details about features and additional description information on the device General-Purpose Memory
Controller, see the corresponding subsections within Signal Descriptions and Detailed Description sections.
Table 7-62 presents timing conditions for GPMC.
Table 7-62. GPMC Timing Conditions
PARAMETER
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
1.65
4
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
20
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
133 MHz Synchronous Mode
140
360
ps
All other modes
140
720
ps
td(Trace Mismatch
Delay)
Propagation delay mismatch across all traces
200
ps
For more information, see General-Purpose Memory Controller (GPMC) section in Peripherals chapter in the
device TRM.
7.11.5.11.1 GPMC and NOR Flash — Synchronous Mode
Table 7-63 and Table 7-64 present timing requirements and switching characteristics for GPMC and NOR Flash -
Synchronous Mode.
Table 7-63. GPMC and NOR Flash Timing Requirements — Synchronous Mode
see Figure 7-46, Figure 7-47, and Figure 7-50
NO.
PARAMETER
DESCRIPTION
MODE(4)
MIN
MAX
MIN
MAX
UNIT
GPMC_FCLK =
100 MHz(1)
GPMC_FCLK =
133 MHz(1)
F12 tsu(dV-clkH)
Setup time, input data
GPMC_AD[15:0] valid before output
clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.61
0.92
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
0.86
3.41
ns
F13 th(clkH-dV)
Hold time, input data
GPMC_AD[15:0] valid after output
clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.09
2.09
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.09
2.09
ns
F21 tsu(waitV-clkH)
Setup time, input wait
GPMC_WAIT[j](2) (3) valid before
output clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.61
0.92
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
0.86
3.41
ns
F22 th(clkH-waitV)
Hold time, input wait
GPMC_WAIT[j](2) (3) valid after
output clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.09
2.09
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.09
2.09
ns
(1)
GPMC_FCLK select
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
146
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com