Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 147 Page - Texas Instruments

Back Button AM625 Datasheet HTML 143Page - Texas Instruments AM625 Datasheet HTML 144Page - Texas Instruments AM625 Datasheet HTML 145Page - Texas Instruments AM625 Datasheet HTML 146Page - Texas Instruments AM625 Datasheet HTML 147Page - Texas Instruments AM625 Datasheet HTML 148Page - Texas Instruments AM625 Datasheet HTML 149Page - Texas Instruments AM625 Datasheet HTML 150Page - Texas Instruments AM625 Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 259 page
background image
•
gpmc_fclk_sel[1:0] = 2b01 to select the 100MHz GPMC_FCLK
•
gpmc_fclk_sel[1:0] = 2b00 to select the 133MHz GPMC_FCLK
(2)
In GPMC_WAIT[j], j is equal to 0 or 1.
(3)
Wait monitoring support is limited to a WaitMonitoringTime value > 0. For a full description of wait monitoring feature, see General-
Purpose Memory Controller (GPMC) section in the device TRM.
(4)
For div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
–
GPMC_CLK frequency = GPMC_FCLK frequency
For not_div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 1h to 3h:
–
GPMC_CLK frequency = GPMC_FCLK frequency / (2 to 4)
For GPMC_FCLK_MUX:
•
CTRLMMR_GPMC_CLKSEL[1-0] CLK_SEL = 01 = PER1_PLL_CLKOUT / 3 = 300 / 3 = 100MHz
For TIMEPARAGRANULARITY_X1:
•
GPMC_CONFIG1_i Register: TIMEPARAGRANULARITY = 0h = x1 latencies (affecting RD/WRCYCLETIME, RD/
WRACCESSTIME, PAGEBURSTACCESSTIME, CSONTIME, CSRD/WROFFTIME, ADVONTIME, ADVRD/WROFFTIME,
OEONTIME, OEOFFTIME, WEONTIME, WEOFFTIME, CYCLE2CYCLEDELAY, BUSTURNAROUND, TIMEOUTSTARTVALUE,
WRDATAONADMUXBUS)
Table 7-64. GPMC and NOR Flash Switching Characteristics – Synchronous Mode
see Figure 7-46, Figure 7-47, Figure 7-48, Figure 7-49, and Figure 7-50
NO.
(2)
PARAMETER
DESCRIPTION
MODE(16)
MIN
MAX
MIN
MAX
UNIT
100 MHz
133 MHz
F0
1 / tc(clk)
Period, output clock GPMC_CLK(15)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
10.00
7.52
ns
F1
tw(clkH)
Typical pulse duration, output clock
GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
0.475P
- 0.3(14)
0.475P
- 0.3(14)
ns
F1
tw(clkL)
Typical pulse duration, output clock
GPMC_CLK low
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
0.475P
- 0.3(14)
0.475P
- 0.3(14)
ns
F2
td(clkH-csnV)
Delay time, output clock GPMC_CLK
rising edge to output chip select
GPMC_CSn[i] transition(13)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1;
no extra_delay
F - 2.2
(5)
F +
3.75
F - 2.2
(5)
F +
3.75
ns
F3
td(clkH-CSn[i]V)
Delay time, output clock GPMC_CLK
rising edge to output chip select
GPMC_CSn[i] invalid(13)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1;
no extra_delay
E - 2.2
(4)
E +
3.18
E - 2.2
(4)
E + 4.5
ns
F4
td(aV-clk)
Delay time, output address
GPMC_A[27:1] valid to output clock
GPMC_CLK first edge
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
B - 2.3
(2)
B + 4.5 B - 2.3
(2)
B + 4.5
ns
F5
td(clkH-aIV)
Delay time, output clock GPMC_CLK
rising edge to output address
GPMC_A[27:1] invalid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
-2.3
4.5
-2.3
4.5
ns
F6
td(be[x]nV-clk)
Delay time, output lower byte
enable and command latch enable
GPMC_BE0n_CLE, output upper byte
enable GPMC_BE1n valid to output
clock GPMC_CLK first edge
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
B - 2.3
(2)
B + 1.9 B - 2.3
(2)
B + 1.9
ns
F7
td(clkH-be[x]nIV) Delay time, output clock GPMC_CLK
rising edge to output lower byte
enable and command latch enable
GPMC_BE0n_CLE, output upper byte
enable GPMC_BE1n invalid(10)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
D -
2.3(3)
D + 1.9 D - 2.3
(3)
D + 1.9
ns
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
147
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com