| Electronic Components Datasheet Search |
|
LXT9785 Datasheet(PDF) 82 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
LXT9785 Datasheet(HTML) 82 Page - Intel Corporation |
|
82 / 226 page ![]() LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers 84 Datasheet Document Number: 249241 Revision Number: 007 Revision Date: August 28, 2003 C15, B17 206 205 RxData6_0 RxData6_1 O, TS O, TS, ID Receive Data - Port 6. Receive data signals (2-bit parallel di-bits) are driven synchronously to REFCLK. E16, F14 198 197 RxData7_0 RxData7_1 O, TS O, TS, ID Receive Data - Port 7. Receive data signals (2-bit parallel di-bits) are driven synchronously to REFCLK. E4, C4, A5, B8, B12, D12, B16, E15 58 49 39 31 17 10 1 200 CRS_DV0 CRS_DV1 CRS_DV2 CRS_DV3 CRS_DV4 CRS_DV5 CRS_DV6 CRS_DV7 O, TS, SL, ID Carrier Sense/Receive Data Valid - Ports 0-7. On detection of valid carrier, these signals are asserted asynchronously with respect to REFCLK. CRS_DVn is de-asserted on loss of carrier, synchronous to REFCLK. D2, D5, D7, C8, A12, A15, A17, D17 59 50 40 32 20 11 2 201 RxER0 RxER1 RxER2 RxER3 RxER4 RxER5 RxER6 RxER7 O, TS, SL, ID, I, ST Receive Error - Ports 0-7. These signals are synchronous to the respective REFCLK. Active High indicates that received code group is invalid, or that PLL is not locked. The RxER signals have the following additional function pins: RxER0 (MDIX) RxER1 (PAUSE) RxER2 (PREASEL) RxER4 (FIFOSEL0) RxER5 (FIFOSEL1) RxER6 {LINKHOLD) Table 24. Intel® LXT9785/LXT9785E RMII Signal Descriptions – BGA23 (Sheet 3 of 3) Ball/Pin Designation Symbol Type1 Signal Description2,3 BGA23 PQFP 1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS = Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal pull- Down. 2. The IP/ID resistors are disabled during H/W Power-Down mode. If a Pin is an output or an I/O, the IP/ID resistors are also disabled when the output is enabled. 3. RxData[0:7]_0, RxData[0:7]_1, CRS_DV[0:7] and RxER[0:7] outputs are three-stated in Isolation and H/W Power-Down modes and during H/W reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |