Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 43 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 43 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 39Page - Intel Corporation LXT9785 Datasheet HTML 40Page - Intel Corporation LXT9785 Datasheet HTML 41Page - Intel Corporation LXT9785 Datasheet HTML 42Page - Intel Corporation LXT9785 Datasheet HTML 43Page - Intel Corporation LXT9785 Datasheet HTML 44Page - Intel Corporation LXT9785 Datasheet HTML 45Page - Intel Corporation LXT9785 Datasheet HTML 46Page - Intel Corporation LXT9785 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
Datasheet
45
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
83
K1
AMDIX_EN
I, ST, IP
Auto MDIX Enable Default.
This pin is read at startup or reset. Its value at that time
is used to set the default state of Register bit 27.9 for
all ports. These register bits can be read and
overwritten after startup / reset. Refer to Table 40 on
page 119.
When active (High), automatic MDI crossover (MDIX)
(regardless of segmentation) is selected for all ports.
When inactive (Low) MDIX is selected according to the
MDIX pin.
59
D2
MDIX
I, ID, ST
MDIX Select Default.
This pin is read at startup or reset. Its value at that time
is used to set the default state of Register bit 27.8 for
all ports. These register bits can be read and
overwritten after startup / reset. Refer to Table 40,
“Intel® LXT9785/LXT9785E MDIX Selection” on
page 119.
When AMDIX_EN is active this pin is ignored.
When AMDIX_EN is inactive, all ports are forced to the
MDI or the MDIX function regardless of segmentation.
If this pin is active (high), MDI crossover (MDIX) is
selected. If this pin is inactive, non-crossover MDI
mode is set.
This pin is shared with RMII-RxER0. An external pull-
up resistor (see applications section for value) can be
used to set MDIX active while RxER0 is three-stated
during H/W reset. If no pull-up is used, the default
MDIX state is set inactive via the internal pull-down
resistor. Do not tie this pin directly to VCCIO (vs. using
a pull-up) in non-RMII modes.
85
86
87
L2,
L3,
M1
CFG_3
CFG_2
CFG_1
I, ST, ID
Global Port Configuration Defaults 1-3.
These pins are read at startup or reset. Their value at
that time is used to set the default state of register bits
shown in Table 42, “Intel® LXT9785/9785E Global
Hardware Configuration Settings” on page 129 for all
ports. These register bits can be read and overwritten
after startup / reset.
When operating in Hardware Control Mode, these pins
provide configuration control options for all the ports
(refer to page 129 for details).
173
M14
G_FX/TP
I, ST, ID
Global FX/TP Enable Default.
This pin is read at startup or reset. Its value at that time
is used to set the default state of Register bit 16.0 for
all ports. These register bits can be read and
overwritten after startup / reset. Refer to Table 92, “Port
Configuration Register (Address 16, Hex 10)” on page 207.
This input selects whether all the ports are defaulted to
TP vs. FX mode.
Table 13. Intel® LXT9785/LXT9785E Miscellaneous Signal Descriptions – PQFP (Sheet 3 of 4)
Pin/Ball
Designation
Symbol
Type1
Signal Description2
PQFP
PBGA
1. Type Column Coding: I = Input, O = Output, OD = Open Drain Output, ST = Schmitt Triggered Input, TS =
Three-State-able Output, SL = Slew-rate Limited Output, IP = Weak Internal Pull-Up, ID = Weak Internal
Pull-Down.
2. The IP/ID resistors are disabled during hardware power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com