Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 91 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 91 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 87Page - Intel Corporation LXT9785 Datasheet HTML 88Page - Intel Corporation LXT9785 Datasheet HTML 89Page - Intel Corporation LXT9785 Datasheet HTML 90Page - Intel Corporation LXT9785 Datasheet HTML 91Page - Intel Corporation LXT9785 Datasheet HTML 92Page - Intel Corporation LXT9785 Datasheet HTML 93Page - Intel Corporation LXT9785 Datasheet HTML 94Page - Intel Corporation LXT9785 Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
Datasheet
93
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
A15
A12
11
20
FIFOSEL1
FIFOSEL0
I, ID, ST
FIFO Select <1:0>.
These pins are read at startup or reset. Their value at
that time is used to set the default state of Register bits
18.15:14 for all ports. These register bits can be read
and overwritten after startup/reset.
These pins are shared with RMII-RxER<5:4>. An
external pull-up resistor (see applications section for
value) can be used to set FIFO Select<1:0> to active
while RxER<5:4> are three-stated during hardware
reset. If no pull-up is used, the default FIFO select
state is set via the internal pull-down resistors.
See Table 36 “Intel® LXT9785/LXT9785E Receive
FIFO Depth Configurations” on page 97.
D7
40
PREASEL
I, ID, ST
Preamble Select.
This pin is read at startup or reset. Its value at that time
is used to set the default state of Register bit 16.5 for
all ports. This register bit can be read and overwritten
after startup/reset.
This pin is shared with RMII-RxER2. An external pull-
up resistor (see applications section for value) can be
used to set Preamble Select to active while RxER2 is
three-stated during hardware reset. If no pull-up is
used, the default Preamble Select state is set via the
internal pull-down resistors.
Note: Preamble select has no effect in 100 Mbps
operation.
A17
2
LINKHOLD
I, ID, ST
LINKHOLD Default. This pin is read at startup or
reset. Its value at that time is used to set the default
state of Register bit 0.11 for all ports. This register bit
can be read and overwritten after startup / reset. When
High, the LXT9785/9785E powers down all ports.
This pin is shared with RMII-RxER6. An external pull-
up resistor (see applications section for value) can be
used to set LINKHOLD active while RxER6 is tri-stated
during H/W reset. If no pull-up is used, the default
LINKHOLD state is set inactive via the internal pull-
down resistor.
Table 32. Intel® LXT9785/LXT9785E Miscellaneous Signal Descriptions – BGA23 (Sheet 4 of 4)
Ball/Pin
Designation
Symbol
Type1
Signal Description2
BGA23
PQFP
1. Type Column Coding: I = Input, O = Output, OD = Open Drain Output, ST = Schmitt Triggered Input, TS =
Three-State-able Output, SL = Slew-rate Limited Output, IP = Weak Internal Pull-Up, ID = Weak Internal
Pull-Down.
2. The IP/ID resistors are disabled during hardware power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com