Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 42 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 42 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 38Page - Intel Corporation LXT9785 Datasheet HTML 39Page - Intel Corporation LXT9785 Datasheet HTML 40Page - Intel Corporation LXT9785 Datasheet HTML 41Page - Intel Corporation LXT9785 Datasheet HTML 42Page - Intel Corporation LXT9785 Datasheet HTML 43Page - Intel Corporation LXT9785 Datasheet HTML 44Page - Intel Corporation LXT9785 Datasheet HTML 45Page - Intel Corporation LXT9785 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
44
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
50
D5
PAUSE
I, ID, ST
Pause Default.
This pin is read at startup or reset. Its value at that time
is used to set the default state of Register bit 4.10 for
all ports. This register bit can be read and overwritten
after startup / reset.
When High, the LXT9785/9785E advertises Pause
capabilities on all ports during auto-negotiation.
This pin is shared with RMII-RxER1. An external pull-
up resistor (see applications section for value) can be
used to set Pause active while RxER1 is three-stated
during H/W reset. If no pull-up is used, the default
Pause state is set inactive via the internal pull-down
resistor.
174
L14
PWRDWN
I, ST, ID
Power-Down.
When High, forces the LXT9785/9785E into global
power-down mode.
Pin is not on JTAG chain.
175
M15
RESET
I, ST, IP
Reset.
This active low input is ORed with the control register
Reset Register bit 0.15. When held Low, all outputs are
forced to inactive state.
Pin is not on JTAG chain.
88
89
90
91
92
L4,
M2,
M3,
N1,
N2
ADD_4
ADD_3
ADD_2
ADD_1
ADD_0
I, ST, ID
Address <4:0>.
Sets base address. Each port adds its port number
(starting with 0) to this address to determine its PHY
address.
Port 0 Address = Base
Port 1 Address = Base + 1
Port 2 Address = Base + 2
Port 3 Address = Base + 3
Port 4 Address = Base + 4
Port 5 Address = Base + 5
Port 6 Address = Base + 6
Port 7 Address = Base + 7
178
177
L17,
L16
MODESEL_1
MODESEL_0
I, ST, ID
Mode Select[1:0].
00 = RMII
01 = SMII
10 = SS-SMII
11 = Reserved
All ports are configured the same. Interfaces cannot be
mixed and must be all RMII, SMII, or SS-SMII.
176
L15
SECTION
I, ST, ID
Sectionalization Select.
This pin selects sectionalization into separate ports.
0 = 1x8 ports,
1 = 2x4 ports
Table 13. Intel® LXT9785/LXT9785E Miscellaneous Signal Descriptions – PQFP (Sheet 2 of 4)
Pin/Ball
Designation
Symbol
Type1
Signal Description2
PQFP
PBGA
1. Type Column Coding: I = Input, O = Output, OD = Open Drain Output, ST = Schmitt Triggered Input, TS =
Three-State-able Output, SL = Slew-rate Limited Output, IP = Weak Internal Pull-Up, ID = Weak Internal
Pull-Down.
2. The IP/ID resistors are disabled during hardware power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com