Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 95 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 95 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 91Page - Intel Corporation LXT9785 Datasheet HTML 92Page - Intel Corporation LXT9785 Datasheet HTML 93Page - Intel Corporation LXT9785 Datasheet HTML 94Page - Intel Corporation LXT9785 Datasheet HTML 95Page - Intel Corporation LXT9785 Datasheet HTML 96Page - Intel Corporation LXT9785 Datasheet HTML 97Page - Intel Corporation LXT9785 Datasheet HTML 98Page - Intel Corporation LXT9785 Datasheet HTML 99Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
Datasheet
97
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
Table 35. Intel® LXT9785/LXT9785E Unused/Reserved Pins – BGA23
Pin/Ball Designation
Symbol
Type1
Signal Description
BGA23
PQFP
F15, G2,
G5, G14,
G16, H4,
H14, J2,
J13, K4,
K15
N/C
N/C
–
No Connection.
1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS =
Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal pull-
Down
2.
Table 36. Intel® LXT9785/LXT9785E Receive FIFO Depth Configurations
FIFOSEL1
FIFOSEL0
Register 18.15 Value
Register 18.14 Value
00
1
0
01
1
1
10
0
0
11
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com