Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 31 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 31 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 27Page - Intel Corporation LXT9785 Datasheet HTML 28Page - Intel Corporation LXT9785 Datasheet HTML 29Page - Intel Corporation LXT9785 Datasheet HTML 30Page - Intel Corporation LXT9785 Datasheet HTML 31Page - Intel Corporation LXT9785 Datasheet HTML 32Page - Intel Corporation LXT9785 Datasheet HTML 33Page - Intel Corporation LXT9785 Datasheet HTML 34Page - Intel Corporation LXT9785 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 226 page
background image
Intel® LXT9785 and Intel® LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
Datasheet
33
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
67
MDINT0
OD, TS,
SL, IP
Table 9 (page 41)
68
LED3_3
OD, TS,
SO, IP
Table 14 (page 47)
69
LED3_2
OD, TS,
SL, IP
Table 14 (page 47)
70
LED3_1
OD, TS,
SL, IP
Table 14 (page 47)
71
LED2_3
OD, TS,
SL, IP
Table 14 (page 47)
72
LED2_2
OD, TS,
SL, IP
Table 14 (page 47)
73
LED2_1
OD, TS,
SL, IP
Table 14 (page 47)
74
GNDIO
–
Table 15 (page 48)
75
LED1_3
OD, TS,
SL, IP
Table 14 (page 47)
76
LED1_2
OD, TS,
SL, IP
Table 14 (page 47)
77
LED1_1
OD, TS,
SL, IP
Table 14 (page 47)
78
VCCD
–
Table 15 (page 48)
79
GNDD
–
Table 15 (page 48)
80
LED0_3
OD, TS,
SL, IP
Table 14 (page 47)
81
LED0_2
OD, TS,
SL, IP
Table 14 (page 47)
82
LED0_1
OD, TS,
SL, IP
Table 14 (page 47)
83
AMDIX_EN
I, ST, IP
Table 13 (page 43)
84
MDDIS
I, ST, ID
Table 9 (page 41)
85
CFG_3
I, ST, ID
Table 13 (page 43)
86
CFG_2
I, ST, ID
Table 13 (page 43)
87
CFG_1
I, ST, ID
Table 13 (page 43)
88
ADD_4
I, ST, ID
Table 13 (page 43)
89
ADD_3
I, ST, ID
Table 13 (page 43)
90
ADD_2
I, ST, ID
Table 13 (page 43)
91
ADD_1
I, ST, ID
Table 13 (page 43)
92
ADD_0
I, ST, ID
Table 13 (page 43)
93
TxSLEW_1
I, ST, ID
Table 13 (page 43)
94
TxSLEW_0
I, ST, ID
Table 13 (page 43)
95
SD_2P5V
I, ST, ID
Table 10 (page 42)
96
SD0
I
Table 10 (page 42)
Pin Symbol
Type1
Reference for Full
Description
97
SD1
I
Table 10 (page 42)
98
VCCPECL
–
Table 15 (page 48)
99
GNDPECL
–
Table 15 (page 48)
100 SD2
I
Table 10 (page 42)
101 SD3
I
Table 10 (page 42)
102 N/C
–
Table 16 (page 50)
103 VCCR0
–
Table 15 (page 48)
104 TPFIP0
AI/AO
Table 11 (page 42)
105 TPFIN0
AI/AO
Table 11 (page 42)
106 GNDR0
–
Table 15 (page 48)
107 TPFOP0
AO/AI
Table 11 (page 42)
108 TPFON0
AO/AI
Table 11 (page 42)
109 VCCT0/1
–
Table 15 (page 48)
110 TPFON1
AO/AI
Table 11 (page 42)
111 TPFOP1
AO/AI
Table 11 (page 42)
112 GNDR1
–
Table 15 (page 48)
113 GNDT0/1
–
Table 15 (page 48)
114 TPFIN1
AI/AO
Table 11 (page 42)
115 TPFIP1
AI/AO
Table 11 (page 42)
116 VCCR1
–
Table 15 (page 48)
117 VCCR2
–
Table 15 (page 48)
118 TPFIP2
AI/AO
Table 11 (page 42)
119 TPFIN2
AI/AO
Table 11 (page 42)
120 GNDR2
–
Table 15 (page 48)
121 TPFOP2
AO/AI
Table 11 (page 42)
122 TPFON2
AO/AI
Table 11 (page 42)
123 VCCT2/3
–
Table 15 (page 48)
124 TPFON3
AO/AI
Table 11 (page 42)
125 TPFOP3
AO/AI
Table 11 (page 42)
126 GNDR3
–
Table 15 (page 48)
127 GNDT2/3
–
Table 15 (page 48)
128 TPFIN3
AI/AO
Table 11 (page 42)
129 TPFIP3
AI/AO
Table 11 (page 42)
130 VCCR3
–
Table 15 (page 48)
131 VCCR4
–
Table 15 (page 48)
132 TPFIP4
AI/AO
Table 11 (page 42)
133 TPFIN4
AI/AO
Table 11 (page 42)
134 GNDT4/5
–
Table 15 (page 48)
Pin Symbol
Type1
Reference for Full
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com