Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 35 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 35 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 31Page - Intel Corporation LXT9785 Datasheet HTML 32Page - Intel Corporation LXT9785 Datasheet HTML 33Page - Intel Corporation LXT9785 Datasheet HTML 34Page - Intel Corporation LXT9785 Datasheet HTML 35Page - Intel Corporation LXT9785 Datasheet HTML 36Page - Intel Corporation LXT9785 Datasheet HTML 37Page - Intel Corporation LXT9785 Datasheet HTML 38Page - Intel Corporation LXT9785 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
Datasheet
37
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
34
35
D8,
A6
TxData3_0
TxData3_1
I, ID
Transmit Data - Port 3.
Inputs containing 2-bit parallel di-bits to be transmitted
from port 3 are clocked in synchronously to REFCLK.
22
23
A11,
C10
TxData4_0
TxData4_1
I, ID
Transmit Data - Port 4.
Inputs containing 2-bit parallel di-bits to be transmitted
from port 4 are clocked in synchronously to REFCLK.
13
14
B13,
D11
TxData5_0
TxData5_1
I, ID
Transmit Data - Port 5.
Inputs containing 2-bit parallel di-bits to be transmitted
from port 5 are clocked in synchronously to REFCLK.
4
5
D13,
A16
TxData6_0
TxData6_1
I, ID
Transmit Data - Port 6.
Inputs containing 2-bit parallel di-bits to be transmitted
from port 6 are clocked in synchronously to REFCLK.
203
204
E14,
C16
TxData7_0
TxData7_1
I, ID
Transmit Data - Port 7.
Inputs containing 2-bit parallel di-bits to be transmitted
from port 7 are clocked in synchronously to REFCLK.
60
51
41
33
21
12
3
202
E3,
B2,
C6,
A7,
B11,
A14,
C14,
D16
TxEN0
TxEN1
TxEN2
TxEN3
TxEN4
TxEN5
TxEN6
TxEN7
I, ID
Transmit Enable - Ports 0-7.
Active High input enables respective port transmitter.
This signal must be synchronous to the REFCLK.
55
54
C2,
B1
RxData0_0
RxData0_1
O, TS
O, TS, ID
Receive Data - Port 0.
Receive data signals (2-bit parallel di-bits) are driven
synchronously to REFCLK.
46
45
A3,
B4
RxData1_0
RxData1_1
O, TS
O, TS, ID
Receive Data - Port 1.
Receive data signals (2-bit parallel di-bits) are driven
synchronously to REFCLK.
37
36
B6,
C7
RxData2_0
RxData2_1
O, TS
O, TS, ID
Receive Data - Port 2.
Receive data signals (2-bit parallel di-bits) are driven
synchronously to REFCLK.
28
27
D9,
B9
RxData3_0
RxData3_1
O, TS
O, TS, ID
Receive Data - Port 3.
Receive data signals (2-bit parallel di-bits) are driven
synchronously to REFCLK.
16
15
A13,
C12
RxData4_0
RxData4_1
O, TS
O, TS, ID
Receive Data - Port 4.
Receive data signals (2-bit parallel di-bits) are driven
synchronously to REFCLK.
8
7
B14,
B15
RxData5_0
RxData5_1
O, TS
O, TS, ID
Receive Data - Port 5.
Receive data signals (2-bit parallel di-bits) are driven
synchronously to REFCLK.
Table 5. Intel® LXT9785/LXT9785E RMII Signal Descriptions – PQFP (Sheet 2 of 3)
Pin-Ball
Designation
Symbol
Type1
Signal Description2,3
PQFP
PBGA
1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS =
Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal pull-
Down.
2. The IP/ID resistors are disabled during H/W Power-Down mode. If a Pin is an output or an I/O, the IP/ID
resistors are also disabled when the output is enabled.
3. RxData[0:7]_0, RxData[0:7]_1, CRS_DV[0:7] and RxER[0:7] outputs are three-stated in Isolation and H/W
Power-Down modes and during H/W reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com