Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 86 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 86 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 82Page - Intel Corporation LXT9785 Datasheet HTML 83Page - Intel Corporation LXT9785 Datasheet HTML 84Page - Intel Corporation LXT9785 Datasheet HTML 85Page - Intel Corporation LXT9785 Datasheet HTML 86Page - Intel Corporation LXT9785 Datasheet HTML 87Page - Intel Corporation LXT9785 Datasheet HTML 88Page - Intel Corporation LXT9785 Datasheet HTML 89Page - Intel Corporation LXT9785 Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
88
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
Table 29. Intel® LXT9785/LXT9785E Signal Detect – BGA23
Ball/Pin
Designation
Symbol
Type1
Signal Description2,3
BGA23
PQFP
P1
95
SD_2P5V
I, ST, ID
Signal Detect 2.5 Volt Interface.
SD input threshold voltage select.
Tie to VCCPECL = Select 2.5 V LVPECL input levels
Float or Tie to GNDPECL = Select 3.3 V LVPECL input
levels
P2,
N4,
P3,
N5,
P15,
P16,
P17,
N17
96
97
100
101
161
162
165
166
SD0
SD1
SD2
SD3
SD4
SD5
SD6
SD7
I
Signal Detect - Ports 0-7.
Signal Detect input from the fiber transceiver (these inputs
are only active for ports operating in fiber mode).
Logic High = Normal operation (the process of searching
for receive idles for the purpose of bringing link up is
initiated)
Logic Low = Link is declared lost
1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS =
Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal pull-
Down.
2. The IP/ID resistors are disabled during H/W Power-Down mode.
3. Tie SD[0:7] inputs to GNDPECL if unused.
Table 30. Intel® LXT9785/LXT9785E Network Interface Signal Descriptions – BGA23
Ball/Pin Designation
Symbol
Type1
Signal Description
BGA23
PQFP
T2, U1,
T3, R4,
T6, U5,
U7, T7,
T10, R10,
T11, U11,
T14,U15,
R14, T15
107, 108
111, 110
121, 122
125, 124
136, 137
140, 139
150, 151
154, 153
TPFOP0, TPFON0
TPFOP1, TPFON1
TPFOP2, TPFON2
TPFOP3, TPFON3
TPFOP4, TPFON4
TPFOP5, TPFON5
TPFOP6, TPFON6
TPFOP7, TPFON7
AO/AI
Twisted-Pair/Fiber Outputs2, Positive &
Negative, Ports 0-7.
During 100BASE-TX or 10BASE-T operation,
TPFO pins drive 802.3 compliant pulses onto
the line.
During 100BASE-FX operation, TPFO pins
produce differential LVPECL outputs for fiber
transceivers.
R2, T1,
U3, T4,
R6, T5,
T8, R8,
T9, U9,
U13, T12,
R12, T13,
R16, T16
104, 105
115, 114
118, 119
129, 128
132, 133
143, 142
146, 147
157, 156
TPFIP0, TPFIN0
TPFIP1, TPFIN1
TPFIP2, TPFIN2
TPFIP3, TPFIN3
TPFIP4, TPFIN4
TPFIP5, TPFIN5
TPFIP6, TPFIN6
TPFIP7, TPFIN7
AI/AO
Twisted-Pair/Fiber Inputs3, Positive &
Negative, Ports 0-7.
During 100BASE-TX or 10BASE-T operation,
TPFI pins receive differential 100BASE-TX or
10BASE-T signals from the line.
During 100BASE-FX operation, TPFI pins
receive differential LVPECL inputs from fiber
transceivers.
1. Type Column Coding: AI = Analog Input, AO = Analog Output.
2. Switched to Inputs (see TPFIP/N description) when not in fiber mode and MDIX is not active [that is,
twisted-pair, non-crossover MDI mode].
3. Switched to Outputs (see TPFOP/N description) when not in fiber mode and MDIX is not active [that is,
twisted-pair, non-crossover MDI mode].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com