Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 30 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 30 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 26Page - Intel Corporation LXT9785 Datasheet HTML 27Page - Intel Corporation LXT9785 Datasheet HTML 28Page - Intel Corporation LXT9785 Datasheet HTML 29Page - Intel Corporation LXT9785 Datasheet HTML 30Page - Intel Corporation LXT9785 Datasheet HTML 31Page - Intel Corporation LXT9785 Datasheet HTML 32Page - Intel Corporation LXT9785 Datasheet HTML 33Page - Intel Corporation LXT9785 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 226 page
background image
Intel® LXT9785 and Intel® LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
32
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
Table 4. Intel® LXT9785/LXT9785 SS-SMII PQFP Pin List
Pin Symbol
Type1
Reference for Full
Description
1N/C
–
Table 16 (page 50)
2
N/C
LINKHOLD
Table 13 (page 43)
3N/C
–
Table 16 (page 50)
4
TxData6
I, ID
Table 6 (page 39)
5N/C
I
Table 16 (page 50)
6
REFCLK1
I
Table 6 (page 39)
7
RxData5
O, TS,
ID
Table 8 (page 40)
8N/C
–
Table 16 (page 50)
9
GNDIO
–
Table 15 (page 48)
10
N/C
–
Table 16 (page 50)
11
FIFOSEL1
I, ID, ST
Table 13 (page 43)
12
N/C
–
Table 16 (page 50)
13
TxData5
I, ID
Table 6 (page 39)
14
N/C
–
Table 16 (page 50)
15
RxData4
O, TS,
ID
Table 8 (page 40)
16
N/C
–
Table 16 (page 50)
17
RxSYNC1
O, TS,
ID
Table 8 (page 40)
18
VCCIO
–
Table 15 (page 48)
19
GNDIO
–
Table 15 (page 48)
20
FIFOSEL0
I, ID, ST
Table 13 (page 43)
21
RxCLK1
O, TS,
ID
Table 8 (page 40)
22
TxData4
I, ID
Table 6 (page 39)
23
N/C
–
Table 16 (page 50)
24
MDC1
I, ST, ID
Table 9 (page 41)
25
MDIO1
I/O, TS,
SL, IP
Table 9 (page 41)
26
MDINT1
OD, TS,
SL, IP
Table 9 (page 41)
27
RxData3
O, TS,
ID
Table 8 (page 40)
28
N/C
–
Table 16 (page 50)
29
VCCIO
–
Table 15 (page 48)
30
GNDIO
–
Table 15 (page 48)
31
N/C
–
Table 16 (page 50)
32
TxCLK0
I, ID
Table 8 (page 40)
33
N/C
–
Table 16 (page 50)
34
TxData3
I, ID
Table 6 (page 39)
35
TxSYNC0
I, ID
Table 8 (page 40)
36
RxData2
O, TS,
ID
Table 8 (page 40)
37
N/C
–
Table 16 (page 50)
38
GNDIO
–
Table 15 (page 48)
39
N/C
–
Table 16 (page 50)
40
PREASEL
I, ST
Table 13 (page 43)
41
N/C
–
Table 16 (page 50)
42
TxData2
I, ID
Table 6 (page 39)
43
N/C
–
Table 16 (page 50)
44
REFCLK0
I
Table 6 (page 39)
45
RxData1
O, TS,
ID
Table 8 (page 40)
46
N/C
–
Table 16 (page 50)
47
VCCIO
–
Table 15 (page 48)
48
GNDIO
–
Table 15 (page 48)
49
N/C
–
Table 16 (page 50)
50
PAUSE
I, ID, ST
Table 13 (page 43)
51
N/C
–
Table 16 (page 50)
52
TxData1
I, ID
Table 6 (page 39)
53
N/C
–
Table 16 (page 50)
54
RxData0
O, TS,
ID
Table 8 (page 40)
55
N/C
–
Table 16 (page 50)
56
VCCIO
–
Table 15 (page 48)
57
GNDIO
–
Table 15 (page 48)
58
RxSYNC0
O, TS,
ID
Table 8 (page 40)
59
MDIX
I, ID, ST
Table 13 (page 43)
60
RxCLK0
–
Table 8 (page 40)
61
TxData0
I, ID
Table 6 (page 39)
62
N/C
–
Table 16 (page 50)
63
MDC0
I, ST, ID
Table 9 (page 41)
64
MDIO0
I/O, TS,
SL, IP
Table 9 (page 41)
65
VCCD
–
Table 15 (page 48)
66
GNDD
–
Table 15 (page 48)
Pin Symbol
Type1
Reference for Full
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com