Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 34 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 34 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 30Page - Intel Corporation LXT9785 Datasheet HTML 31Page - Intel Corporation LXT9785 Datasheet HTML 32Page - Intel Corporation LXT9785 Datasheet HTML 33Page - Intel Corporation LXT9785 Datasheet HTML 34Page - Intel Corporation LXT9785 Datasheet HTML 35Page - Intel Corporation LXT9785 Datasheet HTML 36Page - Intel Corporation LXT9785 Datasheet HTML 37Page - Intel Corporation LXT9785 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
36
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
3.2
PQFP Signal Descriptions
3.2.1
Signal Name Conventions
Signal names may contain either a port designation or a serial designation, or a combination of the
two designations. Signal naming conventions are as follows:
• Port Number Only. Individual signals that apply to a particular port are designated by the
Signal Mnemonic, immediately followed by the Port Designation. For example, Transmit
Enable signals would be identified as TxEN0, TxEN1, and TxEN2.
• Serial Number Only. A set of signals which are not tied to any specific port are designated by
the Signal Mnemonic, followed by an underscore and a serial designation. For example, a set
of three Global Configuration signals would be identified as CFG_1, CFG_2, and CFG_3.
• Port and Serial Number. In cases where each port is assigned a set of multiple signals, each
signal is designated in the following order: Signal Mnemonic, Port Designation, an
underscore, and the serial designation. For example, a set of three Port Configuration signals
would be identified as RxData0_0 and RxData0_1, RxData1_0 and RxData1_1, and
RxData2_0 and RxData2_1.
3.2.2
PQFP Signal Descriptions – RMII, SMII, and SS-SMII Configurations
Table 5 through Table 17, “Intel® LXT9785/LXT9785E Receive FIFO Depth Considerations” on
page 50 provide PQFP signal descriptions. Ball designations are included for cross-reference.
Table 5. Intel® LXT9785/LXT9785E RMII Signal Descriptions – PQFP (Sheet 1 of 3)
Pin-Ball
Designation
Symbol
Type1
Signal Description2,3
PQFP
PBGA
44
6
E6,
E12
REFCLK0
REFCLK1
I
Reference Clock.
50 MHz RMII reference clock is always required. RMII
inputs are sampled on the rising edge of REFCLK,
RMII outputs are sourced on the falling edge. See
“Clock/SYNC Requirements” on page 125 for detailed
CLK requirements.
61
62
E2,
F4
TxData0_0
TxData0_1
I, ID
Transmit Data - Port 0.
Inputs containing 2-bit parallel di-bits to be transmitted
from port 0 are clocked in synchronously to REFCLK.
52
53
C3,
D4
TxData1_0
TxData1_1
I, ID
Transmit Data - Port 1.
Inputs containing 2-bit parallel di-bits to be transmitted
from port 1 are clocked in synchronously to REFCLK
42
43
B5
A4
TxData2_0
TxData2_1
I, ID
Transmit Data - Port 2.
Inputs containing 2-bit parallel di-bits to be transmitted
from port 2 are clocked in synchronously to REFCLK.
1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS =
Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal pull-
Down.
2. The IP/ID resistors are disabled during H/W Power-Down mode. If a Pin is an output or an I/O, the IP/ID
resistors are also disabled when the output is enabled.
3. RxData[0:7]_0, RxData[0:7]_1, CRS_DV[0:7] and RxER[0:7] outputs are three-stated in Isolation and H/W
Power-Down modes and during H/W reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com