Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 88 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 88 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 84Page - Intel Corporation LXT9785 Datasheet HTML 85Page - Intel Corporation LXT9785 Datasheet HTML 86Page - Intel Corporation LXT9785 Datasheet HTML 87Page - Intel Corporation LXT9785 Datasheet HTML 88Page - Intel Corporation LXT9785 Datasheet HTML 89Page - Intel Corporation LXT9785 Datasheet HTML 90Page - Intel Corporation LXT9785 Datasheet HTML 91Page - Intel Corporation LXT9785 Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
90
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
Table 32. Intel® LXT9785/LXT9785E Miscellaneous Signal Descriptions – BGA23 (Sheet 1 of 4)
Ball/Pin
Designation
Symbol
Type1
Signal Description2
BGA23
PQFP
N3,
M4
94
93
TxSLEW_0
TxSLEW_1
I, ST, ID
Tx Output Slew Controls 0 and 1 Defaults.
These pins are read at startup or reset. Their value at
that time is used to set the default state of Register bits
27.11:10 for all ports. These register bits can be read
and overwritten after startup / reset.
These pins select the TX output slew rate for all ports
(rise and fall time) as follows:
TxSLEW_1 TxSLEW_0
Slew Rate (Rise and Fall
Time)
0
0
3.3 ns
0
1
3.6 ns
1
0
3.9 ns
1
1
4.2 ns
D5
50
PAUSE
ID, I, ST
Pause Default.
This pin is read at startup or reset. Its value at that time
is used to set the default state of Register bit 4.10 for
all ports. This register bit can be read and overwritten
after startup / reset.
When High, the LXT9785/9785E advertises Pause
capabilities on all ports during auto-negotiation.
This pin is shared with RMII-RxER1. An external pull-
up resistor (see applications section for value) can be
used to set Pause active while RxER1 is three-stated
during H/W reset. If no pull-up is used, the default
Pause state is set inactive via the internal pull-down
resistor.
L14
174
PWRDWN
I, ST, ID
Power-Down.
When High, forces the LXT9785/9785E into global
power-down mode.
Pin is not on JTAG chain.
M15
175
RESET
I, ST, IP
Reset.
This active low input is ORed with the control register
Reset Register bit 0.15. When held Low, all outputs are
forced to inactive state.
Pin is not on JTAG chain.
1. Type Column Coding: I = Input, O = Output, OD = Open Drain Output, ST = Schmitt Triggered Input, TS =
Three-State-able Output, SL = Slew-rate Limited Output, IP = Weak Internal Pull-Up, ID = Weak Internal
Pull-Down.
2. The IP/ID resistors are disabled during hardware power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com