| Electronic Components Datasheet Search |
|
LXT9785 Datasheet(PDF) 92 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
LXT9785 Datasheet(HTML) 92 Page - Intel Corporation |
|
92 / 226 page ![]() LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers 94 Datasheet Document Number: 249241 Revision Number: 007 Revision Date: August 28, 2003 Table 33. Intel® LXT9785/LXT9785E LED Signal Descriptions – BGA23 (Sheet 1 of 2) Ball/Pin Designation Symbol Type1 Signal Description2,3 BGA23 PQFP K3, K2, J1 82 81 80 LED0_1 LED0_2 LED0_3 OD, TS, SL, IP Port 0 LED Drivers 1-3. These pins drive LED indicators for Port 0. Each LED can display one of several available status conditions as selected by the LED Configuration Register (refer to Table 96 “LED Configuration Register (Address 20, Hex 14)” on page 213 for details). J4, J3, H1 77 76 75 LED1_1 LED1_2 LED1_3 OD, TS, SL, IP Port 1 LED Drivers 1-3. These pins drive LED indicators for Port 1. Each LED can display one of several available status conditions as selected by the LED Configuration Register (refer to Table 96 “LED Configuration Register (Address 20, Hex 14)” on page 213 for details). H2, H3, G1 73 72 71 LED2_1 LED2_2 LED2_3 OD, TS, SL, IP Port 2 LED Drivers 1-3. These pins drive LED indicators for Port 2. Each LED can display one of several available status conditions as selected by the LED Configuration Register (refer to Table 96 “LED Configuration Register (Address 20, Hex 14)” on page 213 for details). F2, G3, G4 70 69 68 LED3_1 LED3_2 LED3_3 OD, TS, SL, IP Port 3 LED Drivers 1-3. These pins drive LED indicators for Port 3. Each LED can display one of several available status conditions as selected by the LED Configuration Register (refer to Table 96 “LED Configuration Register (Address 20, Hex 14)” on page 213 for details). K16, K17, J17 180 181 182 LED4_1 LED4_2 LED4_3 OD, TS, SL, IP Port 4 LED Drivers 1-3. These pins drive LED indicators for Port 4. Each LED can display one of several available status conditions as selected by the LED Configuration Register (refer to Table 96 “LED Configuration Register (Address 20, Hex 14)” on page 213 for details). 1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS = Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal pull- Down. 2. The IP/ID resistors are disabled during H/W Power-Down mode. If a pin is an output or an I/O, the IP/ID resistors are also disabled when the output is enabled. 3. The LED outputs are three-stated in H/W Power-Down mode and during H/W reset. 4. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |