Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 38 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 38 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 34Page - Intel Corporation LXT9785 Datasheet HTML 35Page - Intel Corporation LXT9785 Datasheet HTML 36Page - Intel Corporation LXT9785 Datasheet HTML 37Page - Intel Corporation LXT9785 Datasheet HTML 38Page - Intel Corporation LXT9785 Datasheet HTML 39Page - Intel Corporation LXT9785 Datasheet HTML 40Page - Intel Corporation LXT9785 Datasheet HTML 41Page - Intel Corporation LXT9785 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
40
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
Table 8. Intel® LXT9785/LXT9785E SS-SMII Specific Signal Descriptions – PQFP
Pin/Ball
Designation
Symbol
Type1
Signal Description2,3
PQFP
PBGA
35
204
A6,
C16
TxSYNC0
TxSYNC1
I, ID
SS-SMII Transmit Synchronization.
The MAC must generate a TxSYNC pulse every 10 TxCLK
cycles to mark the start of TxData segments. TxSYNC0 is
used when 1x8 port sectionalization is selected.
58
17
E4,
B12
RxSYNC0
RxSYNC1
O, TS,
ID
SS-SMII Receive Synchronization.
The LXT9785/9785E generates these pulses every 10
RxCLK cycles to mark the start of RxData segments for the
MAC. RxSYNC1 is used when 1x8 port sectionalization is
selected. RxSYNC0 may not be used. These outputs are
only enabled when SS-SMII mode is enabled.
32
201
C8,
D17
TxCLK0
TxCLK1
I, ID
SS-SMII Transmit Clock.
The MAC sources this 125 MHz clock as the timing
reference for TxData and TxSYNC. Only TxCLK0 is used
when 1x8 port sectionalization is selected. See “Clock/
SYNC Requirements” on page 125 for detailed clock
requirements.
60
21
E3,
B11
RxCLK0
RxCLK1
O, TS,
ID
SS-SMII Receive Clock.
The LXT9785/9785E generates these clocks, based on
REFCLK, to provide a timing reference for RxData and
RxSYNC to the MAC. RxCLK1 is used when 1x8 port
sectionalization is selected. RxCLK0 may not be used. See
“Clock/SYNC Requirements” on page 125 for detailed clock
requirements. These outputs are only enabled when SS-
SMII mode is enabled.
54
45
36
27
15
7
205
197
B1,
B4,
C7,
B9,
C12,
B15,
B17,
F14
RxData0
RxData1
RxData2
RxData3
RxData4
RxData5
RxData6
RxData7
O, TS,
ID
Receive Data - Ports 0-7.
These serial output streams provide data received from
the network. The LXT9785/9785E drives the data out
synchronously to REFCLK.
1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS =
Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal pull-
Down.
2. The IP/ID resistors are disabled during H/W Power-Down mode. If a Pin is an output or an I/O, the IP/ID
resistors are also disabled when the output is enabled.
3. RxData[0:7], RxSYNC[0:1], and RxCLK[0:1] outputs are three-stated in Isolation and H/W Power-Down
modes and during H/W reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com