Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 47 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 47 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 43Page - Intel Corporation LXT9785 Datasheet HTML 44Page - Intel Corporation LXT9785 Datasheet HTML 45Page - Intel Corporation LXT9785 Datasheet HTML 46Page - Intel Corporation LXT9785 Datasheet HTML 47Page - Intel Corporation LXT9785 Datasheet HTML 48Page - Intel Corporation LXT9785 Datasheet HTML 49Page - Intel Corporation LXT9785 Datasheet HTML 50Page - Intel Corporation LXT9785 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
Datasheet
49
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
109, 123,
138, 152
N6, N7,
N9, N11,
N12
VCCT
-
Analog Power Supply - Transmit.
+2.5 V supply for all analog transmit circuits.
66, 79,
183, 195
A1, A9,
B3, B7,
C5, C13,
C17, D1,
D3, D6,
D10, D15,
E5, E7,
E9, E11,
E13, E17,
F13, H8,
H9, H10,
J8, J9,
J10, K8,
K9, K10
GNDD
-
Digital Ground.
Ground return for core digital supplies (VCCD). All
ground pins can be tied together using a single ground
plane.
9, 19, 30,
38, 48, 57,
74, 188,
199, 207
GNDIO
-
Digital GND - I/O Ring.
Ground return for digital I/O circuits (VCCIO).
99, 163
M5, M13
GNDPECL
-
Digital GND - PECL Signal Detect Inputs.
Ground return for PECL Signal Detect input circuits.
106, 112,
120, 126,
135, 141,
149, 155
P5, P6,
P13, R7,
R9, R11,
R13, U8
GNDR
-
Analog Ground - Receive.
Ground return for receive analog supply. All ground
pins can be tied together using a single ground plane.
113, 127,
134, 148
P14, R1,
R3, R5,
R15, R17,
T17, U2,
U4, U6,
U10, U12,
U14, U16,
U17
GNDT
-
Analog Ground - Transmit.
Ground return for transmit analog supply. All ground
pins can be tied together using a single ground plane.
179
K14
SGND
-
Substrate Ground.
Ground for chip substrate. All ground pins can be tied
together using a single ground plane.
Table 15. Intel® LXT9785/LXT9785E Power Supply Signal Descriptions – PQFP (Sheet 2 of 2)
Pin/Ball Designation
Symbol
Type
Signal Description
PQFP
PBGA
1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS =
Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal pull-
Down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com