Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 83 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 83 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 79Page - Intel Corporation LXT9785 Datasheet HTML 80Page - Intel Corporation LXT9785 Datasheet HTML 81Page - Intel Corporation LXT9785 Datasheet HTML 82Page - Intel Corporation LXT9785 Datasheet HTML 83Page - Intel Corporation LXT9785 Datasheet HTML 84Page - Intel Corporation LXT9785 Datasheet HTML 85Page - Intel Corporation LXT9785 Datasheet HTML 86Page - Intel Corporation LXT9785 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
Datasheet
85
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
Table 25. Intel® LXT9785/LXT9785E SMII / SS-SMII Common Signal Descriptions – BGA23
Ball/Pin
Designation
Symbol
Type1
Signal Description2
BGA23
PQFP
E2,
C3,
B5,
D8,
A11,
B13,
D13,
E14
61
52
42
34
22
13
4
203
TxData0
TxData1
TxData2
TxData3
TxData4
TxData5
TxData6
TxData7
I, ID
Transmit Data - Ports 0-7.
These serial input streams provide data to be transmitted to
the network. The LXT9785/9785E clocks the data in
synchronously to REFCLK.
E6,
E12
44
6
REFCLK0
REFCLK1
I
Reference Clock.
The LXT9785/9785E always requires a 125 MHz reference
clock input. Refer to Functional Description for detailed clock
requirements. REFCLK0 and REFCLK1 are always
connected regardless of sectionalization mode.
1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS =
Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal pull-
Down.
2. The IP/ID resistors are disabled during H/W Power-Down mode.
Table 26. Intel® LXT9785/LXT9785E SMII Specific Signal Descriptions – BGA23
Pin/Ball
Designation
Symbol
Type1
Signal Description2,3
BGA23
PQFP
A6,
C16
35
204
SYNC0
SYNC1
I, ID
SMII Synchronization.
The MAC must generate a SYNC pulse every 10 REFCLK
cycles to synchronize the SMII. SYNC0 is used when 1x8
port sectionalization is selected. SYNC0 and SYNC1 are
to be used when 2x4 port sectionalization is chosen.
C2,
A3,
B6,
D9,
A13,
B14,
C15,
E16
55
46
37
28
16
8
206
198
RxData0
RxData1
RxData2
RxData3
RxData4
RxData5
RxData6
RxData7
O, TS
Receive Data - Ports 0-7.
These serial output streams provide data received from
the network. The LXT9785/9785E drives the data out
synchronously to RXCLK.
1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS =
Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal pull-
Down.
2. The IP/ID resistors are disabled during H/W Power-Down mode.
3. RxData[0:7] outputs are three-stated in Isolation and hardware power-down modes and during hardware
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com