Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 14Page - Monolithic Power Systems MA780 Datasheet HTML 15Page - Monolithic Power Systems MA780 Datasheet HTML 16Page - Monolithic Power Systems MA780 Datasheet HTML 17Page - Monolithic Power Systems MA780 Datasheet HTML 18Page - Monolithic Power Systems MA780 Datasheet HTML 19Page - Monolithic Power Systems MA780 Datasheet HTML 20Page - Monolithic Power Systems MA780 Datasheet HTML 21Page - Monolithic Power Systems MA780 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
18
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Table 9: Configuration Parameters
Parameters
Symbol
# of Bits
Description
See Table
Zero setting
Z
16
Sets the zero position
10
Bias current
trimming
BCT
8
For side-shaft configuration: reduces the bias
current of the X or Y Hall device
12
Enable trimming X
ETX
1
Biased current trimmed in the X-direction Hall
device
13
Enable trimming Y
ETY
1
Biased current trimmed in the Y-direction Hall
device
13
Cycle time
TCYC
16
ASC mode: time for active and idle cycle
18
On time
TACT
8
ASC mode: active time
17
Threshold
THR
8
ASC mode: Threshold for change detection
19
Rotation direction
RD
1
Determines the sensor
’s positive direction
11
Reference
REF
1
ASC mode: angle of reference for change detection
20
Auto-TACT
AUTACT
1
ASC mode: automatically determines the active
time
24
Automatic
sampling cycle
ASC
1
Enables ASC mode
15
ASC register
driven
ASCR
1
Allows ASC mode to be enabled via register setting
15
Filter window
FW
4
Size of the filter window. Determines the resolution,
settling time, and latency
14
Multi-turns
MULTI
2
Sets the turn counter
21
Parity error
ERRPAR
1
Parity check for data sent to the device
22
Memory error
ERRMEM
1
Error when two successive NVM commands are too
close to one another
22
CRC error
ERRNVM
1
CRC check for loading data from the NVM
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com