Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 4Page - Monolithic Power Systems MA780 Datasheet HTML 5Page - Monolithic Power Systems MA780 Datasheet HTML 6Page - Monolithic Power Systems MA780 Datasheet HTML 7Page - Monolithic Power Systems MA780 Datasheet HTML 8Page - Monolithic Power Systems MA780 Datasheet HTML 9Page - Monolithic Power Systems MA780 Datasheet HTML 10Page - Monolithic Power Systems MA780 Datasheet HTML 11Page - Monolithic Power Systems MA780 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
8
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
The most straightforward mounting method is to
place the MA780 sensor on the rotation axis of a
permanent
magnet
(e.g.
a
diametrically
magnetized cylinder) (see Fig 5).
Figure 5: End-of-Shaft Mounting
The recommended magnet is a Neodymium
alloy (N35) cylinder with typical dimensions
(Ø5x3mm) inserted into an aluminum shaft with
a 1.5mm air gap between the magnet and the
sensor (surface of package). For good linearity,
the sensor should be positioned with a precision
of 0.5mm.
If the end-of-shaft position is not available, the
sensor can be positioned away from the rotation
axis of a cylinder or ring magnet (see Figure 6).
In this case, the magnetic field angle is no longer
directly proportional to the mechanical angle.
The MA780 can be adjusted to compensate for
this effect, and to recover the linear relation
between the mechanical angle and the sensor
output. With multiple pole-pair magnets, the
MA780 indicates multiple rotations for each
mechanical turn.
Figure 6: Side-Shaft Mounting
Power Modes
The MA780 has 3 power modes, described
below.
1. Active: The sensor runs without interruption,
and the current consumption is IACTIVE (see
the Electrical Characteristics section on page
4).
2. Idle: The sensor front end shuts down, and
only the SPI communication interface and
memory
blocks
work.
The
current
consumption is IIDLE (see the Electrical
Characteristics section on page 4).
3. Automatic
Sampling
Cycle
(ASC):
The
device
automatically
switches
between
active and idle mode.
Table 1: Supply Current with Different Modes
Power Mode
Average Supply Current
(IAVERAGE)
Active
IACTIVE
ASC
IIDLE < IAVERAGE< IACTIVE
Idle
IIDLE
Figure 7 shows the timing of a power cycle.
Active
Idle
tACTIVE
tCYCLE
tIDLE
Figure 7: Timing of a Power Cycle
By combining these 3 power modes, the MA780
can be operated in different ways.
Continuous Automatic Sampling Cycle (ASC)
In ASC mode, the on-chip, low-power clock
continuously runs to control the sensor's power
cycle, according to the active time and cycle time
stored in the register.
In the minimum configuration (when ASC mode
is set by the internal register), the MA780 only
has SPI connections. The master device can
communicate with the MA780 at any time, the
same way that it does in active mode (see Figure
8). The difference is that in the minimum
configuration, the average power consumption is
low, and the refresh rate is determined by the
TCYC parameter.
MA
SPI
Master
Figure 8: Minimum Configuration for Continuous
ASC
The SPI output updates at the end of the active
period (see Figure 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com