Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 8Page - Monolithic Power Systems MA780 Datasheet HTML 9Page - Monolithic Power Systems MA780 Datasheet HTML 10Page - Monolithic Power Systems MA780 Datasheet HTML 11Page - Monolithic Power Systems MA780 Datasheet HTML 12Page - Monolithic Power Systems MA780 Datasheet HTML 13Page - Monolithic Power Systems MA780 Datasheet HTML 14Page - Monolithic Power Systems MA780 Datasheet HTML 15Page - Monolithic Power Systems MA780 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
12
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
SPI Communication
Users can accomplish the following using the
SPI:
 Read angle
 Read register
 Write register
 Store a single register to NVM
 Store all registers to NVM
 Restore all registers from NVM
 Clear error flags
SPI Read Angle
Every 1µs, new data is transferred into the output
buffer. The master device initiates this process
by pulling /CS low. When a trigger event is
detected, the data remains in the output buffer
until the /CS signal is de-asserted (see Table 5).
Table 5: Sensor Data Timing
Event
Action
/CS falling edge
Start reading and freeze the
output buffer
/CS rising edge
Release the output buffer
Figure 14 shows a diagram of a full SPI angle
reading.
Figure 14: Diagram of a Full 16-Bit SPI Angle
Reading
Figure 15 shows a partial SPI angle reading.
Figure 15: Diagram of a Partial 8-Bit SPI Angle
Reading
A full angle reading requires 16 clock pulses.
The sensor
’s MISO line then returns the
following:
MSB
LSB
MISO
Angle(15:0)
MOSI
0
If less resolution is sufficient, the angle can be
read by sending fewer clock counts (since the
MSB is first). If the reading cycle is shorter than
the refresh time, the MA780 continues sending
the same data until the data refreshes (for the
refresh rate, see the Electrical Characteristics
section on page 4).
SPI Read Register
A read register operation consists of two 16-bit
frames. The first frame sends a read request,
which contains the 3-bit read command (010)
followed by the 5-bit register address. The last 8
bits of the frame must all be set to 0. The second
frame returns the 8-bit register value (MSB byte)
with an 8-bit angle value.
First 16-bit SPI frame (read request):
MSB
LSB
MISO
Angle(15:0)
Command
Reg. Address
MOSI
0
1
0
A4 A3 A2 A1 A0
0 0 0 0 0 0 0 0
Second 16-bit SPI frame (response):
Reg. Value
MISO
Angle(15:8)
V7 V6 V5 V4 V3 V2 V1 V0
MSB
LSB
MOSI
0
For example, to check the value of the ERRPAR
parameter
(parity
error
on
register
write
command), read register 26 (bit[3]) by sending
the following first frame:
MSB
LSB
MISO
Angle(15:0)
Command
Reg. Address
MOSI
0
1
0
1
1
0
1
0
0 0 0 0 0 0 0 0
In the second frame, the MA780 replies:
Reg. Value
MISO
Angle(15:8)
X X X X ERRPAR X X X
MSB
LSB
MOSI
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Angle
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0x0000
/CS
SCLK
MISO
MOSI
15
14
13
12
11
10
9
8
15
14
13
12
11
10
9
8
Angle
15
14
13
12
11
10
9
8
0x00
/CS
SCLK
MISO
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com