Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 15Page - Monolithic Power Systems MA780 Datasheet HTML 16Page - Monolithic Power Systems MA780 Datasheet HTML 17Page - Monolithic Power Systems MA780 Datasheet HTML 18Page - Monolithic Power Systems MA780 Datasheet HTML 19Page - Monolithic Power Systems MA780 Datasheet HTML 20Page - Monolithic Power Systems MA780 Datasheet HTML 21Page - Monolithic Power Systems MA780 Datasheet HTML 22Page - Monolithic Power Systems MA780 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
19
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
REGISTER SETTINGS
Zero Setting
The zero position of the MA780 (a0) can be
configured with 16 bits of resolution. The angle
outputted by the MA780 (aOUT) can be calculated
with Equation (2):
OUT
RAW
0
a
= a
- a
(2)
Where aRAW is the raw angle provided by the
MA780 front end.
The parameter Z[15:0] is the zero-angle position
coded on 16 bits (see Table 10).
Table 10: Zero Setting Parameter
Z[15:0]
a0 (deg)
0
0
1
0.005
2
0.011
…
…
65534
359.989
65535
359.995
Rotation Direction
When looking at the top of the package, the
angle increases when the magnetic field rotates
clockwise (CW) by default (see Figure 25).
Figure 25: Positive Rotation Direction of the
Magnetic Field
Table 11 lists how to designate the rotation
direction.
Table 11: Rotation Direction Parameter
RD
Positive Direction
0
Clockwise (CW)
1
Counterclockwise (CCW)
BCT Settings (Bias Current Trimming)
Side Shaft
When the MA780 is mounted on the side of the
magnet, the relationship between the field angle
and mechanical angle is no longer linear. This
effect is related to the fact that the tangential
magnetic field is usually smaller than the radial
field. Calculate the field ratio (k) with Equation (3):
RAD
TAN
k = B
/B
(3)
Where BRAD and BTAN are the maximum radial
and tangential magnetic fields (see Figure 26).
BRAD
BRAD
BTAN
BTAN
Figure 26: Side-Shaft Field
The k ratio depends on the magnet geometry
and the distance to the sensor. If the k ratio does
not equal 1, the sensor output response is
nonlinear with respect to the mechanical angle.
The error curve has the shape of a double sine
wave, where E is the amplitude of this error (see
Figure 27).
-40
-20
0
20
40
0
50
100
150
200
250
300
350
m
rotor angle (deg)
2E
aM
Rotor Angle (deg)
2E
Figure 27: Error Curve in Side-Shaft
Configuration (BCT = 0)
The X-axis or the Y-axis bias current can be
reduced to recover an equal Hall signal for all
angles and suppress the error. The parameters
ETX and ETY control the direction in which
sensitivity is reduced. The current reduction is
set by the bias current trimming parameter
(BCT[7:0]), which is an integer from 0 to 255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com