Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MA780 Datasheet HTML 1Page - Monolithic Power Systems MA780 Datasheet HTML 2Page - Monolithic Power Systems MA780 Datasheet HTML 3Page - Monolithic Power Systems MA780 Datasheet HTML 4Page - Monolithic Power Systems MA780 Datasheet HTML 5Page - Monolithic Power Systems MA780 Datasheet HTML 6Page - Monolithic Power Systems MA780 Datasheet HTML 7Page - Monolithic Power Systems MA780 Datasheet HTML 8Page - Monolithic Power Systems MA780 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MagAlpha MA780
8-Bit to 12-Bit, Low-Power Angle Sensor with
Integrated Wake-Up Angle Detection
MA780 Rev. 1.2
MonolithicPower.com
1
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MA780 is a low-power angle sensor that
detects the absolute angular position of a
permanent magnet, such as a diametrically
magnetized cylinder on a rotating shaft. With its
power-cycling ability, the sensor is optimized for
applications that require low average power.
Timing can be controlled via an on-chip clock or
external controller. Flags are provided to detect
a definable amount of angle change.
The MA780 supports a wide range of magnetic
field strengths and spatial configurations. Both
end-of-shaft and off-axis (side-shaft mounting)
configurations are supported.
On-chip, non-volatile memory (NVM) provides
storage for configuration parameters, including
the reference zero-angle position, power cycling
parameters, and the filter window that affects the
output resolution.
The MA780 is available in a QFN-16 (3mmx3mm)
package.
FEATURES
 8-Bit to 12-Bit Resolution Absolute
Contactless Angle Encoder
 <0.5µA Current Consumption in Idle Mode
 10mA Current Consumption in Active Mode
 Angle Detection Interrupt to Wake System
 Supports On-Axis and Off-Axis Operation
 Serial Peripheral Interface (SPI)
 3.3V Supply
 -40°C to +125°C Operating Temperature
 Available in a QFN-16 (3mmx3mm)
Package
APPLICATIONS
 General-Purpose Angle Measurements
 Battery-Powered Devices
 Multi-Turn Encoders
 Low-Power Rotary Knob Interfaces
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
Controller
MISO
MOSI
SCLK
CS
GND
SPI
Interface
Master
Target Magnet
1µF
VDD
ND
VDDIO
Example: 10Hz
Supply: 3.3V
Example: 100µA average
MA780


Similar Part No. - MA780

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA781 PANASONIC-MA781 Datasheet
77Kb / 3P
Silicon epitaxial planar type
logo
Murata Manufacturing Co...
MA78101BAN MURATA-MA78101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA78101BBN MURATA-MA78101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA78101CAN MURATA-MA78101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA78101CBN MURATA-MA78101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA780

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5163 AMSCO-AS5163 Datasheet
881Kb / 33P
12 BIT AUTOMOTIVE Angle Position Sensor
AS5163 AMSCO-AS5163_1 Datasheet
1Mb / 36P
12-Bit Automotive Angle Position Sensor
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
12-Bit Magnetic Angle Position Sensor
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
AS5163 AMSCO-AS5163_04 Datasheet
2Mb / 37P
12-Bit Automotive Angle Position Sensor
AS5261 AMSCO-AS5261 Datasheet
1Mb / 33P
12-Bit Automotive Angle Position Sensor
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
logo
Texas Instruments
TMAG3001 TI-TMAG3001 Datasheet
2Mb / 81P
TMAG3001 Low-Power 3D Linear and Angle Hall-Effect Sensor With I2C Interface and Wake Up Detection in WCSP
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com