Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 21Page - Monolithic Power Systems MA780 Datasheet HTML 22Page - Monolithic Power Systems MA780 Datasheet HTML 23Page - Monolithic Power Systems MA780 Datasheet HTML 24Page - Monolithic Power Systems MA780 Datasheet HTML 25Page - Monolithic Power Systems MA780 Datasheet HTML 26Page - Monolithic Power Systems MA780 Datasheet HTML 27Page - Monolithic Power Systems MA780 Datasheet HTML 28Page - Monolithic Power Systems MA780 Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
25
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Table 19: Threshold to Wake Up
THR[6:0]
Threshold (degrees)
0
0
1
1.41
2
2.81
…
…
127
178.59
128
180 (ND flag only at 180°)
129
181.41 (no ND flag)
…
…
255
358.59 (no ND flag)
Reference (REF)
The angle change is defined in relationship to a
reference angle. REF is a parameter that
controls this angle. The ND pin goes high when
the angle distance to REF exceeds the threshold.
REF is an absolute angle coded on 8 bits (see
Table 20).
Table 20: Change Detection Fixed Reference
REF[7:0]
Reference (deg)
0
0
1
1.41
2
2.81
…
…
255
358.59
To
detect
the
relative
motion
and
avoid
repeatedly asserting the ND signal when the
angle is outside the set threshold, update the
reference position (REF) in register 10 with the
current angle position each time the threshold is
crossed.
Turn Counting
The MA780 can count 16, 64, and 256 rotation
turns. The counter value is coded on M = 4, 6, or
8 bits by the MULT parameter (see Table 21).
The number of turns is indicated by the M bits on
the MSB side of the 16-bit output. As a
consequence, the angle information is shifted by
M bits, and the resolution is reduced by M bits,
as seen below:
MSB
LSB
MISO
Turn(M-1:0)
Angle(15:M)
The number of turns to count is set by
MULTI[1:0], and the value is stored in register 22.
When writing to this register, only modify bit[3]
and bit[4], and ensure that the other bits retain
their default value (see Table 8 on page 18).
Table 21: Turn Counting
MULTI[1:0]
Number of
Turns
M (Bit Used to
Count Turns)
0
0 (default)
0
1
16
4
2
64
6
3
256
8
The counter value is stored in the volatile
memory. When the MA780 is idle, the value is
maintained until the next angle update. When
updating the turn count, the sensor always
assumes that the angle increment is smaller than
180 degrees. This means that if the shaft turns
more than 180 degrees per idle time, the counter
goes backwards.
To prevent turn count errors, ensure that the
angle change during the idle time is always
below 180 degrees. When counting up, the
counter overflows back to zero after reaching its
maximum value for the specified number of bits
(M). A similar principle applies when counting
down from zero to the maximum value.
If power is removed from the sensor, the counter
always resets to zero. In normal operation, the
zero setting only affects the angle. The angle
does not reset the turn counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com