Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 6Page - Monolithic Power Systems MA780 Datasheet HTML 7Page - Monolithic Power Systems MA780 Datasheet HTML 8Page - Monolithic Power Systems MA780 Datasheet HTML 9Page - Monolithic Power Systems MA780 Datasheet HTML 10Page - Monolithic Power Systems MA780 Datasheet HTML 11Page - Monolithic Power Systems MA780 Datasheet HTML 12Page - Monolithic Power Systems MA780 Datasheet HTML 13Page - Monolithic Power Systems MA780 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
10
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
 Insert an RC low-pass filter on SCLK (see
Figure 11). This RC filter must be located
close to the sensor. It is recommended to use
a 200
Ω serial resistor with a 10pF shunt
capacitor in order to have a filter cutting
frequency that is about 80MHz.
 Use a star topology for the GND connection,
and keep it as direct and short as possible to
avoid ground loops.
 Insert RC low-pass filters on the MISO and
MOSI signals. The RC filter on MOSI must
be located close to the controller, while the
filter on MISO must be located close to the
sensor. It is recommended to use a 200
Ω
resistor with a 10pF capacitor.
 Avoid significant trace length mismatch
between the SPI signals, especially between
the MISO, MOSI, and SCLK signals.
 If possible, avoid placing vias on the SCLK
signal.
Figure 11: Example of an RC Low-Pass Filter on the SPI Signals
/CS
MA780
SCLK
MISO
Host/Master
Processor
10pF
200
10pF
10pF
MOSI
SPI
Interface
Master
200
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com