Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 19Page - Monolithic Power Systems MA780 Datasheet HTML 20Page - Monolithic Power Systems MA780 Datasheet HTML 21Page - Monolithic Power Systems MA780 Datasheet HTML 22Page - Monolithic Power Systems MA780 Datasheet HTML 23Page - Monolithic Power Systems MA780 Datasheet HTML 24Page - Monolithic Power Systems MA780 Datasheet HTML 25Page - Monolithic Power Systems MA780 Datasheet HTML 26Page - Monolithic Power Systems MA780 Datasheet HTML 27Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
23
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Configurations for ASC Mode
The power cycles are defined by the active time
and the cycle time. By default (AUTACT = 1), the
active time is automatically adjusted to the filter
window, such that the active time ends when the
filter has settled. The active time (tACTIVE) can be
calculated with Equation (7):
ACTIVE
START UP
SETTLING
t
t
t

(7)
Where tSETTLING can be determined by Table 14
on page 22. ASC mode is recommended for
most applications. Figure 35 shows the timing for
an ASC cycle.
ND
(THR = 0)
SPI Out
Idle
Idle
Start-Up
Time
Filter
Settling
Time
Data Valid =
Output Updated
Angle SPI Reading
tACTIVE
Active
Figure 35: Timing of a ASC Cycle when THR = 0
and AUTACT = 1
If AUTACT is disabled, the active time is defined
by the TACT parameter. The active time ranges
between 40µs and 2056µs, with 8µs per step
(see Table 17).
Table 17: Active Time
TACT[7:0]
tACTIVE (µs)
0
Do not use
1
Do not use
2
Do not use
3
40
4
48
5
56
…
…
255
2056
If TACT[7:0] exceeds 2, tACTIVE (in µs) can be
calculated with Equation (8):
ACTIVE
t
( s)
8 TACT[7 : 0] 16
  
(8)
Table 17 lists potential times for tACTIVE (see the
Electrical Characteristics on page 4 for active
time accuracy).
The active time should be set such that the angle
output is stable (the filter has settled and the data
is valid). This means the active time should
exceed the valid data time. tACTIVE can be
estimated with Equation (9):
ACTIVE
START UP
SETTLING
t
t
t

(9)
Figure 36 shows the timing of an ASC cycle.
ND
(THR = 0)
SPI Out
Idle
Idle
Output
Updated
Start-Up
Time
Filter
Settling
Time
Data
Valid
Angle SPI
Reading
tACTIVE
Active
Figure 36: Timing of an ASC Cycle when THR = 0
AUTACT = 0
Cycle Time
The ASC cycle time is set by the TCYC
parameter. TCYC can be directly configured by
the user. The cycle time must be longer than the
active time (see Table 18). Otherwise, the cycle
time increases by an integer number of times
until it is longer than tACTIVE .
Table 18: Cycle Time
TCYC
Cycle Time (ms)
0
Continuously idle
1
Do not use
2
0.2
3
0.3
4
0.4
…
…
65535
6553.5
See the Electrical Characteristics section on
page 4 for the cycle time accuracy.
Once the TACT and TCYC parameters are set,
the
average
current
consumption
can
be
calculated with Equation (10):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com