Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 16Page - Monolithic Power Systems MA780 Datasheet HTML 17Page - Monolithic Power Systems MA780 Datasheet HTML 18Page - Monolithic Power Systems MA780 Datasheet HTML 19Page - Monolithic Power Systems MA780 Datasheet HTML 20Page - Monolithic Power Systems MA780 Datasheet HTML 21Page - Monolithic Power Systems MA780 Datasheet HTML 22Page - Monolithic Power Systems MA780 Datasheet HTML 23Page - Monolithic Power Systems MA780 Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
20
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
In a side-shaft configuration (when the sensor
’s
center is located beyond the magnet
’s outer
diameter), the k ratio exceeds 1. If the value of k
is known, BCT[7:0] can be calculated with
Equation (4):



1
BCT[7 : 0] = 258 1
k
(4)
For optimal compensation, the sensitivity of the
radial axis should be reduced by setting the BCT
parameter. Figure 28 shows the optimal BCT
value for a particular k ratio.
0
50
100
150
200
1
1.5
2
2.5
3
3.5
4
4.5
5
k
Figure 28: k Ratio and the Optimum BCT to
Recover Linearity
Table 12 shows typical BCT values.
Table 12: Potential BCT Settings
E (deg)
Magnet Ratio (k)
BCT[7:0]
0
1.0
0
11.5
1.5
86
19.5
2.0
129
25.4
2.5
155
30.0
3.0
172
33.7
3.5
184
36.9
4.0
194
39.5
4.5
201
41.8
5.0
207
Determining k
The k ratio can be deduced from the error curve
obtained with the default BCT setting (BCT = 0).
Rotate the magnet more than one revolution and
record the
device’s output. Next, plot the error
curve (the output minus the real mechanical
position vs. the real mechanical position) and
extract two parameters: the maximum error (E),
and the position of this maximum with respect to
a zero crossing (aM) (see Figure 27). The k ratio
can be calculated with Equation (5):
M
M
tan(E + a )
k=
tan(a )
(5)
Alternatively, the value of k can be obtained
using Figure 29.
Figure 29: Relationship between the Error
Measured with BCT = 0 and the Magnet Ratio k
Sensor Orientation
The dot marked on the package indicates
whether the radial field is aligned with the sensor
coordinate X or Y (see Figure 30).
Figure 30: Package Top View with X- and Y-Axes
Determine which axis should be reduced based
on the qualitative field distribution around a ring
(see Figure 26 on page 20).
For example, Figure 30 shows that the field
along the sensor
’s Y direction is tangential and
weaker. This means that the X-axis should be
reduced (ETX = 1 and ETY = 0).
If both ETX and ETY are set to 1, the current bias
is reduced in both directions the same way (i.e.
without side-shaft correction) (see Table 13).
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
35
40
E (deg)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com