Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 11Page - Monolithic Power Systems MA780 Datasheet HTML 12Page - Monolithic Power Systems MA780 Datasheet HTML 13Page - Monolithic Power Systems MA780 Datasheet HTML 14Page - Monolithic Power Systems MA780 Datasheet HTML 15Page - Monolithic Power Systems MA780 Datasheet HTML 16Page - Monolithic Power Systems MA780 Datasheet HTML 17Page - Monolithic Power Systems MA780 Datasheet HTML 18Page - Monolithic Power Systems MA780 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
15
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Angle
1
1
1
4
3
2
1
0
7
6
5
4
3
2
1
0
0x00
/CS
SCLK
MISO
MOSI
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0x0000
Register Address
Store Reg. to the NVM Command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Angle
tSTORE_REG_TO_NVM
Figure 21: Overview of Two 16-Bit Frames Store Register to NVM Operation
SPI Store All Registers to NVM
The user can store the current value of all
registers in the NVM (see Figure 22). This
command is ignored if the NVM is busy
executing a previously received command.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Angle
1
1
0
12
11
10
9
8
7
6
5
4
3
2
1
0
/CS
SCLK
MISO
MOSI
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0x0000
0x000
Store All Reg. to the NVM Command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Angle
tSTORE_ALL_REG_TO_NVM
Figure 22: Overview of Two 16-Bit Frames Store All Registers to NVM Operation
SPI Restore All Registers from NVM
The user can restore the value of all registers
from
the
NVM.
This
operation
is
done
automatically during each start-up (see Figure
23). This command is ignored if the NVM is busy
executing a previously received command.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Angle
1
0
1
12
11
10
9
8
7
6
5
4
3
2
1
0
/CS
SCLK
MISO
MOSI
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0x0000
0x000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Angle
Restore All Reg. from the NVM Command
tRESTORE_ALL_REG_FROM_NVM
Figure 23: Overview of Two 16-Bit Frames Restore All Registers from NVM Operation
SPI Clear Error Flags
The error flag on the ERR pin (reset to 0), we
well as the error flags in register 26, can be
cleared using the SPI Clear
Error
Flags
command (see Figure 24).
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Angle
0
0
1
12
11
10
9
8
7
6
5
4
3
2
1
0
/CS
SCLK
MISO
MOSI
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0x0000
0x000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Angle
Clear Fault Command
tCLEAR_FAULT
Figure 24: Overview of Two 16-Bit Frames Clear Error Flags Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com