Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 27 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 27 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 23Page - Monolithic Power Systems MA780 Datasheet HTML 24Page - Monolithic Power Systems MA780 Datasheet HTML 25Page - Monolithic Power Systems MA780 Datasheet HTML 26Page - Monolithic Power Systems MA780 Datasheet HTML 27Page - Monolithic Power Systems MA780 Datasheet HTML 28Page - Monolithic Power Systems MA780 Datasheet HTML 29Page - Monolithic Power Systems MA780 Datasheet HTML 30Page - Monolithic Power Systems MA780 Datasheet HTML 31Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
27
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPENDIX A: DEFINITIONS
Effective Resolution
(3σ Noise Level)
Smallest angle increment distinguishable from the noise. The resolution
is measured by computing three times
σ (the standard deviation in
degrees) taken over 1,000 data points at a constant position. The bit
resolution is calculated as: log2(360 / 6σ).
Refresh Rate
Rate at which new data points are stored in the output buffer.
Latency
The time elapsed between the instant when the data is ready to be read
and the instant at which the shaft passes that position. The lag in degrees
is lag = latency x v, where v is the angular velocity (in deg/s).
Power-Up Time
Time until the sensor delivers valid data beginning at start-up (VDD <
3V).
Start-Up Time
Time until the sensor front end delivers valid data to the digital treatment
block when recovering from idle mode.
Filter Settling Time
Time for the filter to deliver a stable angle (i.e. when the error is smaller
than the noise at the particular filter window setting).
Integral Nonlinearity
(INL)
Maximum deviation between the average sensor output (at a fixed
position) and the true mechanical angle (see Figure A1).
Figure A1: Resolution, INL, Lag
INL can be obtained from the error curve err(a) = out(a) - a, where out(a)
is the average output across 1000 sensor outputs, and a is the
mechanical angle indicated by a high precision encoder (<0.001 deg).
INL can be calculated with Equation (A1):
max(err(a)) - min(err(a))
INL =
2
(A1)
Drift
The angle variation rate when one parameter is changed (e.g.
temperature, VDD) while all the others, such as the shaft angle, remain
constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com