Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 18Page - Monolithic Power Systems MA780 Datasheet HTML 19Page - Monolithic Power Systems MA780 Datasheet HTML 20Page - Monolithic Power Systems MA780 Datasheet HTML 21Page - Monolithic Power Systems MA780 Datasheet HTML 22Page - Monolithic Power Systems MA780 Datasheet HTML 23Page - Monolithic Power Systems MA780 Datasheet HTML 24Page - Monolithic Power Systems MA780 Datasheet HTML 25Page - Monolithic Power Systems MA780 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
22
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Latency
The latency is the difference between the true
position of the mechanical angle and the angle
reading that is available on the SPI interface.
Latency is a function of the filter time constant
(τ).
Assuming the MA780 is in continuous active
mode, the latency at a constant rotation speed is
τ + 3µs. In real applications, consider the latency.
For a larger τ, the latency increases. If the
latency is high, limit the rotation speed so that
the angle error caused by latency is acceptable.
Low-Power Operation
Table 15 shows how to select the power modes.
The ASCR bit determines if the ASC mode is
controlled by the pin or the register.
Table 15: Power Modes Selection (10)
EN (Pin)
ASC
(Pin)
ASC
(Reg.)
ASCR
(Reg.)
Mode
0
0
x
0
Idle
0
1
x
0
ASC
0
x
0
1
Idle
0
x
1
1
ASC
1
x
x
x
Active
Note:
10)
“x” means not applicable.
Table 16 shows examples of typical setting for
mixed operation.
Table 16: Typical Setting for Mixed Operation
Mode
Pin for
Switching
Preset Example
ASC only
None
EN = 0,
ASCR = 1,
ASC (reg.) = 1
Active to idle
EN
ASCR = 1
ASC (reg.) = 0
Active to
ASC
EN
ASCR = 1
ASC (reg.) = 1
ASC to idle
ASC
EN = 0
ASCR = 0
Externally Switching Between Active Mode
and Idle Mode
Pulling the EN pin high activates the MA780.
After the filter settling time, the DV signal
indicates that the measurement is stable. The
master can send the MA780 back to idle mode
while the angle remains in the MA780 output
buffer, and the SPI interface remains active to
allow data reading (see Figure 32).
The SPI value is
updated
EN
DV
Start-Up
Time
Filter
Settling
Time
Idle
Active
Idle
The SPI out is the
value from the end of
the last active time
Figure 32: Signal Timing for External Control
Figure 33 shows the typical configuration to
switch between active and idle mode.
MA
EN
DV
SPI
Master
Figure 33: Typical Configuration for Switching
Between Active and Idle Mode
Mixed Operation (Active Mode and ASC
Mode)
It is possible to switch between a low-power ASC
mode and a high-power active mode by driving
the EN pin high or low, respectively. This allows
for high-rate, full power measurements after
certain angle changes are detected in ASC
mode.
Mixed Operation (ASC Mode and Idle Mode)
When switching the MA780 between ASC and
idle mode, drive the ASC state using the ASC pin
or register. ASC mode is activated when ASC is
high. In this configuration, the angle is updated
when the device is in ASC mode (see Figure 34).
MA
ASC
SPI
Master
Figure 34: Typical Configuration to Switch
between ASC and Idle Mode using the ASC Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com