Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 10Page - Monolithic Power Systems MA780 Datasheet HTML 11Page - Monolithic Power Systems MA780 Datasheet HTML 12Page - Monolithic Power Systems MA780 Datasheet HTML 13Page - Monolithic Power Systems MA780 Datasheet HTML 14Page - Monolithic Power Systems MA780 Datasheet HTML 15Page - Monolithic Power Systems MA780 Datasheet HTML 16Page - Monolithic Power Systems MA780 Datasheet HTML 17Page - Monolithic Power Systems MA780 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
14
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Angle
1
0
0
4
3
2
1
0
7
6
5
4
3
2
1
0
Register Value to Write
/CS
SCLK
MISO
MOSI
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0x0000
Write Command
Register Address
7
6
5
4
3
2
1
0
Register Value
Angle
tIDLE_WRITE_REG
Figure 18: Overview of Two 16-Bit Frame Write Register Operation
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Angle
1
0
0
4
3
2
1
0
7
6
5
4
3
2
1
0
/CS
SCLK
MISO
MOSI
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0x0000
Write Command
9
7
6
5
4
3
2
1
0
128 (0x80)
Angle
128 (0x80)
tIDLE_WRITE_REG
Figure 19: Write Output Rotation Direction (RD) to Counterclockwise (High), on Register 9, Bit 7
Non-Voltage Memory (NVM) Operations
The sensor contains non-volatile memory (NVM)
to store the chip configurations during shutdown.
The values stored in the NVM are automatically
loaded into the sensor
’s registers during start-up.
It is also possible to manually force the
restoration of the NVM values to the registers by
using the Restore All Register Values SPI
command.
The registers can be copied to the NVM using
two SPI commands:
1. Store a Single Register to NVM
2. Store All Registers to NVM
The NVM is guaranteed to handle 1,000 write
cycles at 25°C.
Users must first write the desired configuration to
the
registers
by
using
the
write
register
commands, and then call one of the store
commands to save one or all registers to the
NVM.
These commands are ignored if the NVM is busy
executing a previously received command. To
check that the NVM is available and ready to
receive a new command, check the NVM pin
level.
The NVM pin is set to high when the NVM is busy.
Store and restore commands are processed
when the NVM pin is cleared (low) (see Figure
20).
NVM
SPI
NVM
Idle
NVM
Busy
NVM
Idle
Store/restore NVM
command
Ready for next
NVM command
Not responding to
NVM command
Figure 20: Signal Timing for NVM Access
SPI Store a Single Register to NVM
The current value of a specific register can be
stored in the NVM. This command is ignored if
the NVM is busy executing a previously received
command (see Figure 21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com