Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 20Page - Monolithic Power Systems MA780 Datasheet HTML 21Page - Monolithic Power Systems MA780 Datasheet HTML 22Page - Monolithic Power Systems MA780 Datasheet HTML 23Page - Monolithic Power Systems MA780 Datasheet HTML 24Page - Monolithic Power Systems MA780 Datasheet HTML 25Page - Monolithic Power Systems MA780 Datasheet HTML 26Page - Monolithic Power Systems MA780 Datasheet HTML 27Page - Monolithic Power Systems MA780 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
24
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ACTIVE
ACTIVE
AVERAGE
ACTIVE
IDLE
CYCLE
CYCLE
tt
I
I
I
(1
)
tt
 
(10)
New Data (ND) Pin
The new data (ND) signal has different use
cases, depending on the value of the threshold
parameter (THR). If THR = 0, this indicates the
end of an active period. The ND signal rises after
each active phase ends, and latches to indicate
that a new value is available in the output buffer
(see Figure 37).
ND (THR = 0)
SPI Out
Idle
Active
Idle
Angle Reading
Figure 37: Using the ND Pin as a Flag for Data
Updates (THR = 0)
If THR > 0, the device detects an angle change,
and the ND pin becomes a warning-on-change
(WOC) signal (see Figure 39). The reference
value used to detect a change can either be a
fixed value, or it can be configured by the user at
each WOC via register 10.
The ND flag is reset on the first SCLK rising edge
of the following actions/commands:
 Read angle
 Store registers to NVM
 Restore registers from NVM
 Clear status byte
Note that the ND flag cannot be reset with a read
ID command, or by writing or reading the
registers.
If the active time is shorter than the filter settling
time (determined by TACT and FW[3:0]), the ND
signal is not updated. This is because the output
angle value is not fully stabilized, so the output
angle is not within the required resolution (DV,
the data valid signal, has not been set to logic
high).
Figure 37 shows the timing diagram of the ND
pin when THR = 0. Figure 38 shows when the
ND signal requests a simple connection.
MA
ND
SPI
Master
Figure 38: Reading Both the SPI and ND
With a non-zero threshold, the ND signal does
not systematically rise after each new value. ND
only rises when the angle exceeds the threshold
(see Figure 39).
ND (THR > 0)
SPI Out
Idle
Active
Idle
Active
Idle
Angle Outside
Threshold
Angle Within
Threshold
Figure 39: Using the ND Pin as a WOC Signal
with a Non-Zero Threshold Setting.
If the angle exceeds the threshold in ASC mode,
the ND signal asserts high after every active
sample period (see Figure 40). In Figure 40,
vertical lines indicate the end of the active period,
while arrows indicate SPI readings.
ND
Ref
Threshold
Sensor
Out
Threshold
Figure 40: Example of ND Signal when the Angle
is Changing in ASC Mode
Threshold (THR)
The THR parameter is a relative angle coded on
8 bits (see Table 19). If THR exceeds 180°, the
ND flag is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com