Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 3Page - Monolithic Power Systems MA780 Datasheet HTML 4Page - Monolithic Power Systems MA780 Datasheet HTML 5Page - Monolithic Power Systems MA780 Datasheet HTML 6Page - Monolithic Power Systems MA780 Datasheet HTML 7Page - Monolithic Power Systems MA780 Datasheet HTML 8Page - Monolithic Power Systems MA780 Datasheet HTML 9Page - Monolithic Power Systems MA780 Datasheet HTML 10Page - Monolithic Power Systems MA780 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
7
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
Sensor Front End
The magnetic field is detected by the integrated
Hall devices located in the center of the package.
The angle is measured using the SpinaxisTM
method, which directly digitizes the direction of
the
field
without
complex
arctangent
computation or feedback loop-based circuits
(interpolators).
The SpinaxisTM method is based on phase
detection,
and
this
method
generates
a
sinusoidal signal with a phase that represents
the angle of the magnetic field. The angle is then
obtained by a time-to-digital converter, which
measures the time between the zero crossing of
the sinusoidal signal and the edge of a constant
waveform (see Figure 2). The time-to-digital is
output
from
the
front
end
to
the
digital
conditioning block.
Top: Sine Waveform
Bottom: Clock for Time-to-Digital Converter
Figure 2: Phase Detection Method
The front-end output delivers a digital number
that is proportional to the angle of the magnetic
field (at the rate of 1MHz) in a straightforward
and open-loop manner.
Digital Filtering
The front-end signal undergoes digital filtering
treatment to achieve the final effective resolution.
The filter transfer function can be calculated with
Equation (1):
1
1+
τs
H(s) =
(1)
Where
τ is the filter time constant, which varies
depending on the chosen filter window. Table 14
on page 22 shows the values of
τ for different
filter window sizes.
To reduce power consumption, the front end and
digital filtering function are disabled in idle mode,
but the SPI block works continuously to provide
the angle.
Sensor
– Magnet Mounting
The sensitive volume of the MA780 is confined
to a region less than 100µm wide in the center of
the package (see Figure 3). This area contains
multiple integrated Hall devices. The sensor
detects the angle of the magnetic field projected
in a plane parallel to the package’s upper surface.
This means that the only measured magnetic
field is the in-plane components (i.e. the X and Y
components) in the middle point of the package.
X
Y
Z
Figure 3: Space Coordinates (Field is Sensed on
the XY Plane)
By default, when looking at the top of the
package, the angle increases when the magnetic
field rotates clockwise. Figure 4 shows the zero
angle of a sensor that has not been configured,
where the cross indicates the sensitive point.
Both the rotation direction and the zero angle
can be configured.
0.90±0.10
3.00±0.10
0.45±0.05
1.50±0.05
Positive Direction
3.00±0.10
Side View
Top View
90°±5°
B
Zero Angle
Figure 4: Detection Point and Default Positive
Direction
This type of detection provides flexibility for the
angular encoder design. The sensor requires
that in the center of the package, the field in the
XY plane is below 30mT.
The MA780 can work with fields smaller than
30mT,
but
the
linearity
and
resolution
performance may deviate from the specifications
under other conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com