Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MA780 Datasheet HTML 1Page - Monolithic Power Systems MA780 Datasheet HTML 2Page - Monolithic Power Systems MA780 Datasheet HTML 3Page - Monolithic Power Systems MA780 Datasheet HTML 4Page - Monolithic Power Systems MA780 Datasheet HTML 5Page - Monolithic Power Systems MA780 Datasheet HTML 6Page - Monolithic Power Systems MA780 Datasheet HTML 7Page - Monolithic Power Systems MA780 Datasheet HTML 8Page - Monolithic Power Systems MA780 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
3
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
I/O
Description
1
ND
O
New data. In ASC mode, ND indicates when new data is ready to be read. ND also
indicates if the displacement exceeds the defined threshold.
2
ERR
O
Error flag.
3
NVM
O
Non-volatile memory (NVM). This pin indicates when the chip is busy accessing the
NVM.
4
MOSI
I
Data in (SPI).
5
/CS
I
Chip selection (SPI).
6
ASC
I
Auto-sampling cycle. Connect the ASC pin to GND if it is not used.
7
MISO
O
Data out (SPI). MISO is pulled low when /CS is set to logic 1.
8
GND
N/A
Supply ground.
9
DV
O
Data valid. DV indicates whether the digital filter has been stabilized in active mode.
10
TEST
N/A
Connect to ground.
11
N/C
N/A
No connection. Do not make connections to this pin (internally connected).
12
SCLK
I
Clock (SPI).
13
VDD
N/A
3.3V supply.
14
VDDIO
N/A
1.8V to 3.3V supply for the IO. VDDIO allows for communication at voltages
between 1.8V and 3.3V.
15
EN
I
Enable. The EN pin switches the sensor to active mode. Connect EN to GND if it is
not used.
16
N/C
N/A
No connection. Do not make connections to this pin (internally connected).
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage .............................-0.5V to +4.6V
Input pin voltage (VI) ....................-0.5V to +6.0V
Output pin voltage (VO) ................-0.5V to +4.6V
Continuous power dissipation (TA = 25°C) (2)
................................................................... 2.0W
Junction temperature ................................160°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
ESD Ratings
Human body model (HBM) .......................... 2kV
Charged device model (CDM) ..................... 2kV
Recommended Operating Conditions
Supply voltage (VDD)……………….. 3.0V to 3.6V
I/O supply voltage (VDDIO)…………..1.8V to 3.6V
Operating temperature (TOP)…. -40°C to +125°C
Applied magnetic field (B)……. more than 30mT
Thermal Resistance (3)
θJA
θJC
QFN-16 (3mmx3mm)............. 50....... 12 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient thermal resistance,
θ
JA, and the ambient temperature,
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com