Electronic Components Datasheet Search
  English  ▼

X  

MA780 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MA780 Datasheet HTML 1Page - Monolithic Power Systems MA780 Datasheet HTML 2Page - Monolithic Power Systems MA780 Datasheet HTML 3Page - Monolithic Power Systems MA780 Datasheet HTML 4Page - Monolithic Power Systems MA780 Datasheet HTML 5Page - Monolithic Power Systems MA780 Datasheet HTML 6Page - Monolithic Power Systems MA780 Datasheet HTML 7Page - Monolithic Power Systems MA780 Datasheet HTML 8Page - Monolithic Power Systems MA780 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
5
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VDD = 3.3V, TA = 25°C, unless otherwise noted.
Error Curves
Noise Spectrum
B = 50mT, W = 10
Filter Transfer Function
FW = 10
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
90
180
270
360
ANGLE (deg)
30 mT
45 mT
60 mT
15 mT
10
-5
0.0001
0.001
0.01
10
100
1000
10
4
10
5
FREQUENCY (Hz)
-20
-15
-10
-5
0
5
10
100
1000
10
4
10
5
FREQUENCY (Hz)
-3 dB
Error Curves
B = 50mT
Supply Current
Active mode
Supply Current
Idle mode
9.6
9.8
10
10.2
10.4
10.6
10.8
11
-50
0
50
100
150
TEMPERATURE (
癈)
0
5
10
15
-100
-50
0
50
100
150
200
TEMPERATURE (
癈)
-1.5
-1
-0.5
0
0.5
1
1.5
0
90
180
270
360
ANGLE (deg)
120°C
-40°C
100°C
80°C
60°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com