Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 16 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 16 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 12Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 13Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 14Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 15Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 16Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 17Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 18Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 19Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
16
4188E–8051–08/06
AT/TS8xC51Rx2
6.
Application
Software can take advantage of the additional data pointers to both increase speed and reduce
code size, for example, block operations (copy, compare, search ...) are well served by using
one data pointer as a ’source’ pointer and the other one as a "destination" pointer.
ASSEMBLY LANGUAGE
; Block move using dual data pointers
; Destroys DPTR0, DPTR1, A and PSW
; note: DPS exits opposite of entry state
; unless an extra INC AUXR1 is added
;
00A2
AUXR1 EQU 0A2H
;
0000 909000MOV DPTR,#SOURCE ; address of SOURCE
0003 05A2 INC AUXR1 ; switch data pointers
0005 90A000 MOV DPTR,#DEST ; address of DEST
0008 LOOP:
0008 05A2 INC AUXR1 ; switch data pointers
000A E0 MOVX A,@DPTR ; get a byte from SOURCE
000B A3 INC DPTR ; increment SOURCE address
000C 05A2 INC AUXR1 ; switch data pointers
000E F0 MOVX @DPTR,A ; write the byte to DEST
000F A3 INC DPTR ; increment DEST address
0010 70F6JNZ LOOP ; check for 0 terminator
0012 05A2 INC AUXR1 ; (optional) restore DPS
INC is a short (2 bytes) and fast (12 clocks) way to manipulate the DPS bit in the AUXR1 SFR.
However, note that the INC instruction does not directly force the DPS bit to a particular state,
but simply toggles it. In simple routines, such as the block move example, only the fact that DPS
is toggled in the proper sequence matters, not its actual value. In other words, the block move
routine works the same whether DPS is '0' or '1' on entry. Observe that without the last instruc-
tion (INC AUXR1), the routine will exit with DPS in the opposite state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com