Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 20 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 20 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 16Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 17Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 18Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 19Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 20Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 21Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 22Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 23Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
20
4188E–8051–08/06
AT/TS8xC51Rx2
Figure 6-2.
Auto-reload Mode Up/Down Counter (DCEN = 1)
6.2.2
Programmable Clock-Output
In the clock-out mode, timer 2 operates as a 50%-duty-cycle, programmable clock generator
(See Figure 6-3) . The input clock increments TL2 at frequency FOSC/2. The timer repeatedly
counts to overflow from a loaded value. At overflow, the contents of RCAP2H and RCAP2L reg-
isters are loaded into TH2 and TL2. In this mode, timer 2 overflows do not generate interrupts.
The formula gives the clock-out frequency as a function of the system oscillator frequency and
the value in the RCAP2H and RCAP2L registers:
For a 16 MHz system clock, timer 2 has a programmable frequency range of 61 Hz
(FOSC/2
16) to 4 MHz (F
OSC/4). The generated clock signal is brought out to T2 pin (P1.0).
Timer 2 is programmed for the clock-out mode as follows:
• Set T2OE bit in T2MOD register.
• Clear C/T2 bit in T2CON register.
• Determine the 16-bit reload value from the formula and enter it in RCAP2H/RCAP2L
registers.
• Enter a 16-bit initial value in timer registers TH2/TL2. It can be the same as the reload value
or a different one depending on the application.
• To start the timer, set TR2 run control bit in T2CON register.
(DOWN COUNTING RELOAD VALUE)
C/T2
TF2
TR2
T2
EXF2
TH2
(8-bit)
TL2
(8-bit)
RCAP2H
(8-bit)
RCAP2L
(8-bit)
FFh
(8-bit)
FFh
(8-bit)
TOGGLE
(UP COUNTING RELOAD VALUE)
TIMER 2
INTERRUPT
XTAL1
:12
F
OSC
FXTAL
0
1
T2CONreg
T2CONreg
T2CONreg
T2CONreg
T2EX:
if DCEN=1, 1=UP
if DCEN=1, 0=DOWN
if DCEN = 0, up
counting
(:6 in X2 mode)
Clock OutFrequency
–
Fosc
4
65536
RCAP2H
–
RCAP2L
⁄
()
×
-----------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com